M2ADS-1BC-R
AI

The **M2ADS-1BC-R** is a specific model of an **M12 A-Coded to RJ45 Industrial Ethernet Cable/Adapter**. These components are critical in industrial automation for bridging the gap between rugged field devices and standard networking equipment.
---
## 1. Technical Specifications
Below is a breakdown of the electronic and mechanical characteristics of the M2ADS-1BC-R:
| Feature | Specification |
| :--- | :--- |
| **Connector A** | M12 8-Pin Male (A-Coded) |
| **Connector B** | RJ45 (8P8C) |
| **Cable Category** | Cat5e (Typical) |
| **Shielding** | SF/UTP or S/FTP (Double Shielded) |
| **Rated Voltage** | 30V - 60V AC/DC |
| **Rated Current** | 1.5A - 2.0A |
| **IP Rating** | IP67 (M12 side) / IP20 (RJ45 side) |
| **Data Rate** | Up to 1 Gbps (1000Base-T) |
---
## 2. Key Electronic Components
### A. M12 A-Coded Interface
The "A-Coded" designation refers to the internal keying of the M12 connector.
* **Pins:** Usually features 8 gold-plated brass pins.
* **Purpose:** Primarily used for sensors, actuators, and motors. In this specific configuration, it is wired to carry Ethernet signals.
* **Ruggedization:** The pins are encased in a circular housing with a screw-locking mechanism to prevent signal loss due to vibration.
### B. RJ45 Interface
The standard Ethernet connector used to plug into switches, PLCs, or PCs.
* **Contact Material:** Phosphor bronze with gold plating to prevent oxidation.
* **Housing:** Typically high-impact plastic (Polycarbonate).
### C. The Transmission Medium (Cable)
The "Electronic" performance depends heavily on the internal wiring:
* **Twisted Pairs:** 4 pairs of 24 AWG or 26 AWG copper wire.
* **Shielding:** To prevent Electromagnetic Interference (EMI) common in factory floors, the cable includes an aluminum foil shield and a tinned copper braid.
* **Impedance:** Matched at 100 Ohms to ensure minimal signal reflection.
---
## 3. Pinout Mapping (Standard T568B)
In most industrial applications, the conversion follows this logic:
| M12 Pin | Pair Color | RJ45 Pin | Function |
| :--- | :--- | :--- | :--- |
| 1 | White/Orange | 1 | Transmit + |
| 2 | Orange | 2 | Transmit - |
| 3 | White/Green | 3 | Receive + |
| 4 | Blue | 4 | Reserved |
| 5 | White/Blue | 5 | Reserved |
| 6 | Green | 6 | Receive - |
| 7 | White/Brown | 7 | Reserved |
| 8 | Brown | 8 | Reserved |
---
## 4. Common Applications
* **Factory Automation:** Connecting IP67-rated sensors to a central control cabinet.
* **Machine Vision:** High-speed data transfer from industrial cameras to a server.
* **PLC Communication:** Interfacing Programmable Logic Controllers with standard IT infrastructure.
- ⤷
What is the difference between A-Coded and X-Coded M12 connectors?
- ⤷ Can this cable be used for Power over Ethernet (PoE) applications?
- ⤷ What are the environmental temperature limits for the M2ADS-1BC-R?