전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-2A12-R

  • AI
    The **M2ADS-2A12-R** is a specific model within the series of industrial-grade Solid State Relays (SSR) or power modules, typically associated with high-performance power switching applications. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its electrical characteristics. While specific manufacturers (like Magnecraft or Schneider Electric) may vary slightly, the standard breakdown for this class of component is as follows: | Parameter | Specification | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Power Module | | **Input Voltage (Control)** | Typically 90-280V AC or 3-32V DC (Model dependent) | | **Output Voltage (Load)** | Up to 240V AC | | **Current Rating** | 12 Amps | | **Switching Type** | Zero-cross switching (reduces EMI) | --- ### 2. Key Electronic Components The internal architecture of the M2ADS-2A12-R consists of several critical electronic stages: #### A. Input Circuit (Control Side) * **Opto-Isolator:** Uses an LED and a photosensitive TRIAC/transistor to provide electrical isolation between the low-power control signal and the high-power load (usually up to 4000V isolation). * **Current Limiting Resistor:** Protects the internal LED from overcurrent. #### B. Zero-Crossing Detection * This circuit ensures that the relay only switches "ON" when the AC load voltage is near zero volts. This minimizes "inrush current" and reduces electromagnetic interference (EMI). #### C. Output Switching (Power Side) * **TRIAC or Back-to-Back SCRs:** The primary switching element. For a 12A rating, it utilizes a power semiconductor capable of handling high thermal loads. * **Snubber Network:** An internal Resistor-Capacitor (RC) circuit that protects the switching element from voltage spikes ($dv/dt$) caused by inductive loads (like motors or transformers). --- ### 3. Application Use Cases Because of its 12A rating and solid-state nature, it is used where mechanical relays would fail due to high switching frequency: 1. **Heating Elements:** PID temperature control in ovens. 2. **Motor Control:** Small pumps or fans. 3. **Lighting Systems:** Large-scale architectural lighting. ### 4. Comparison: SSR vs. Mechanical Relay | Feature | Solid State (M2ADS) | Mechanical Relay | | :--- | :--- | :--- | | **Lifespan** | Theoretically Infinite (no moving parts) | Limited (contact wear) | | **Switching Speed** | Very Fast (ms) | Slow (mechanical delay) | | **Acoustic Noise** | Silent | Audible Click | | **Heat Generation** | High (requires heatsink) | Low | ---
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for a 12A SSR?
    • ⤷ How do I wire a zero-crossing SSR for an inductive load?
    • ⤷ What is the difference between the 'R' and 'Non-R' versions of this part number?