전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-2AD-R2

  • AI
    The **M2ADS-2AD-R2** is a specialized analog-to-digital expansion module, typically used in industrial automation systems (specifically compatible with certain series of PLC controllers like the Melsec/Mitsubishi ecosystem or generic M2ADS compatible architectures). --- ## 1. Core Technical Specifications The device functions as an interface between real-world analog sensors and a digital processing unit. | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 Analog Input Channels | | **Resolution** | 12-bit (typically 0-4095 range) | | **Input Signal Types** | Voltage (0–10V, 0–5V) or Current (4–20mA) | | **Isolation** | Photocoupler isolation between PLC and Input | | **Power Supply** | Usually 24V DC (Internal or External) | | **Conversion Speed** | ~15ms to 20ms per channel | --- ## 2. Key Electronic Components The internal circuitry of the M2ADS-2AD-R2 consists of several critical stages: ### A. Analog Input Stage * **Precision Resistors:** Used for current-to-voltage conversion (e.g., a 250Ω resistor for 4-20mA signals). * **Operational Amplifiers (Op-Amps):** These act as buffers and signal conditioners to scale the input voltage to a range suitable for the ADC chip. * **Filtering Capacitors:** Used to reduce high-frequency noise and electromagnetic interference (EMI) from the sensor lines. ### B. Analog-to-Digital Converter (ADC) * The heart of the module. It samples the continuous analog voltage and converts it into a binary value. * **Architecture:** Usually uses a Successive Approximation Register (SAR) for a balance between speed and accuracy. ### C. Galvanic Isolation * **Optoisolators:** These components protect the main PLC CPU from high-voltage spikes or ground loops occurring on the analog sensor side by transmitting the digital signal via light. --- ## 3. Wiring and Connection (Pinout Logic) Proper electronic integration requires specific wiring depending on the signal type: 1. **Voltage Input:** Connect the (+) and (-) terminals directly from the sensor. 2. **Current Input:** Requires a jumper or specific terminal connection (usually connecting `V+` and `I+`) to engage the internal shunt resistor. 3. **Shielding:** The `FG` (Frame Ground) terminal is essential for draining electronic noise to ensure signal stability. --- ## 4. Common Applications * **Temperature Monitoring:** Connecting Thermocouples or RTDs (via transmitters). * **Pressure Control:** Monitoring hydraulic or pneumatic pressure sensors. * **Flow Meters:** Tracking liquid flow rates in industrial processes.
    ✨ Follow-up Questions
    • ⤷ How do I configure the jumpers for current vs voltage input on this module?
    • ⤷ What is the maximum allowable voltage before damaging the analog inputs?
    • ⤷ How do I address the registers for this module in a PLC program?