전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-A2B-R

  • AI
    The **M2ADS-A2B-R** is a specialized automotive audio interface module developed by **A2B (Automotive Audio Bus)** technology specialists (often associated with brands like NAV-TV or specific Zen-Audio interfaces). It is designed to bridge factory digital audio systems with aftermarket processors and amplifiers. Below is a breakdown of its electronic components, technical specifications, and functions. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Protocol** | ADI A2B® (Automotive Audio Bus) | | **Output Type** | Digital Optical (TOSLink) / Analog RCA | | **Processor** | Analog Devices SHARC DSP / A2B Transceiver | | **Sampling Rate** | 48 kHz / 24-bit (Typical) | | **Voltage Range** | 9V - 16V DC | | **Interface** | M.2 Form Factor Connector (Internal) | --- ### 2. Key Electronic Components The "M2ADS" nomenclature typically refers to the **M.2** hardware form factor used to house the **A2B** processing logic. #### A. The A2B Transceiver (AD242x Series) The heart of the unit is an **Analog Devices A2B Transceiver**. Unlike traditional copper-heavy wiring, A2B carries multi-channel digital audio, control data, and power over a single unshielded twisted pair (UTP) cable. * **Function:** Decodes the high-speed synchronous data stream from the vehicle's head unit. #### B. Digital-to-Analog Converters (DAC) If the specific revision includes RCA outputs, it utilizes high-fidelity DACs. * **Function:** Converts the binary audio stream into a 4V RMS (typical) analog signal for aftermarket amplifiers without introducing floor noise. #### C. Microcontroller & EEPROM * **Function:** Stores the vehicle-specific firmware. This allows the device to "handshake" with the car's CAN-BUS or A2B master, tricking the factory system into thinking the OEM amplifier is still present to avoid error codes. #### D. Power Management IC (PMIC) * **Function:** Regulates the noisy 12V automotive environment down to the 3.3V and 1.8V required by the sensitive digital ICs. It includes protection against voltage spikes (load dump protection). --- ### 3. Connection Architecture The device serves as a "Translator." Here is how the electronic signals flow: 1. **Input:** The vehicle's factory harness plugs into the unit via the **A2B Port**. 2. **Processing:** The A2B chip extracts up to 32 channels of digital audio. 3. **Output:** * **Optical (TOSLink):** Sends a jitter-free S/PDIF signal to a Digital Signal Processor (DSP). * **Remote Out:** Generates a 12V "Turn-on" signal for aftermarket gear, triggered by the detection of audio data. --- ### 4. Typical Applications * **Ford (B&O Systems):** Used to bypass the factory B&O Play amplifiers. * **GM (Bose Systems):** Used in newer Cadillac/Chevrolet models utilizing A2B for Active Noise Cancellation (ANC) integration.
    ✨ Follow-up Questions
    • ⤷ How does A2B technology differ from traditional MOST fiber optic systems?
    • ⤷ What specific vehicle makes are compatible with the M2ADS-A2B-R?
    • ⤷ Does this module support Active Noise Cancellation (ANC) bypass?