전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-AA14-R2

  • AI
    The **M2ADS-AA14-R2** is a specific model of an industrial-grade **Solid State Drive (SSD)** manufactured by **Innodisk**. It belongs to the M.2 (SATA) series, typically utilized in embedded systems, industrial PCs, and automation equipment where reliability is more critical than raw consumer speeds. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Form Factor** | M.2 2242 (Width: 22mm, Length: 42mm) | | **Interface** | SATA III 6.0 Gb/s | | **Flash Type** | iCell / 3D TLC (Industrial Grade) | | **Capacity** | 128GB (Standard for this specific part number) | | **Model Series** | 3TE7 / 3MG2-P Series derivative | | **Operating Temp** | Standard (0°C ~ +70°C) or Wide Temp (-40°C ~ +85°C) | --- ### 2. Core Electronic Components The performance and reliability of this part are defined by three primary internal components: #### A. The Controller The controller acts as the "brain" of the SSD. In the M2ADS-AA14 series, it manages: * **Wear Leveling:** Distributing write cycles evenly across the flash memory to extend lifespan. * **ECC (Error Correction Code):** Using LDPC (Low-Density Parity-Check) to ensure data integrity. * **Bad Block Management:** Identifying and skipping faulty NAND cells. #### B. NAND Flash Memory This part utilizes **3D TLC (Triple-Level Cell)** flash. While TLC is common in consumer drives, Innodisk applies industrial-grade testing and firmware optimizations (often called **iSLC**) to ensure higher endurance (P/E cycles) compared to standard off-the-shelf drives. #### C. Power Management IC (PMIC) The R2 revision often includes enhanced power circuitry to handle: * **Power Down Management:** Protecting data during unexpected power loss. * **Thermal Throttling:** Electronic sensors that reduce speed if the controller overheats to prevent hardware damage. --- ### 3. Part Number Breakdown (Nomenclature) Understanding the alphanumeric string helps identify the specific electronic configuration: * **M2ADS**: M.2 SATA form factor (A-series). * **AA14**: Capacity and NAND configuration code (typically 128GB). * **R2**: Revision 2, indicating a hardware or firmware update from the original design (often improved controller or newer NAND process). --- ### 4. Industrial Features Unlike standard PC parts, the electronic design of the M2ADS-AA14-R2 includes: * **Gold Finger Plating:** 30μ” gold plating on the connector pins for better signal integrity and corrosion resistance. * **Shock/Vibration Resistance:** MIL-STD-810G compliant circuitry. * **S.M.A.R.T Monitoring:** Integrated telemetry for predictive failure analysis.
    ✨ Follow-up Questions
    • ⤷ What is the TBW (Total Bytes Written) endurance for this specific 128GB model?
    • ⤷ Does the M2ADS-AA14-R2 support AES-256 hardware encryption?
    • ⤷ How does the M.2 2242 size differ from the more common M.2 2280 in terms of power consumption?