전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-AAA-R2

  • AI
    The **M2ADS-AAA-R2** is a specific electronic component, typically categorized as a **Micro-Switch** or a specialized **Push Button Switch**, often used in automotive or industrial control interfaces. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The M2ADS series usually refers to high-reliability switches designed for PCB (Printed Circuit Board) mounting. The "AAA" and "R2" suffixes typically denote specific physical configurations, such as actuator height, terminal plating, or packaging (Tape & Reel). ### 2. Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Switch Type** | Momentary Push Button / Tactile | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Contact Rating** | Usually 12V DC to 24V DC, 50mA | | **Operating Force** | 1.6N to 2.5N (depending on internal spring) | | **Life Cycle** | 100,000 to 1,000,000 cycles | | **Mounting Style** | Surface Mount (SMD/SMT) | | **Terminal Plating** | Silver or Gold (R2 often indicates Gold plating for low current) | --- ### 3. Key Electronic Parts & Materials The device is composed of several critical internal elements that ensure electrical conductivity and mechanical feedback: * **Actuator (Button):** The top part pressed by the user. In the "AAA" variant, this is usually a specific height or shape to match the enclosure. * **Contact Dome:** A snap-action metal disc (usually stainless steel) that provides the tactile "click" and completes the circuit when depressed. * **Terminals:** The conductive leads that interface with the PCB. These are designed for reflow soldering. * **Base/Housing:** High-temperature thermoplastic (LCP or Nylon) capable of withstanding the heat of SMT soldering processes. ### 4. Application Areas This component is commonly found in the following electronic systems: 1. **Automotive:** Steering wheel controls, dashboard buttons, or key fobs. 2. **Consumer Electronics:** Remote colors, smart home panels, and appliances. 3. **Industrial:** Reset buttons on PLC modules or interface panels. --- ### 5. Part Number Breakdown (General) While naming conventions vary by manufacturer (like Alps Alpine or Panasonic), the code generally follows this logic: * **M2ADS:** Series identifier (Miniature SMT Switch). * **AAA:** Specific mechanical dimensions (Height/Width). * **R2:** Packaging/Revision code (often meaning **Tape & Reel** packaging for automated assembly).
    ✨ Follow-up Questions
    • ⤷What are the soldering requirements for the M2ADS-AAA-R2?
    • ⤷ Can this switch be used in high-voltage AC applications?
    • ⤷ What is the specific actuator height for the AAA variant?