전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-BA12-R2/Q

  • AI
    The **M2ADS-BA12-R2/Q** is a specific variant of a magnetic sensor/switch, typically used in industrial automation, safety systems, or position detection. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview This device is a **Magnetic Actuated Sensor**. It belongs to a family of non-contact switches that change state when a specific magnetic field is detected. | Feature | Specification Details | | :--- | :--- | | **Type** | Magnetic Reed or Hall Effect Switch | | **Configuration** | Rectangular/Block Housing | | **Contact Type** | Typically SPST (Single Pole Single Throw) or Dual Channel | | **Safety Rating** | Often used in SIL or PL compliant systems | | **Connection** | M12 Connector or Flying Lead (variant dependent) | --- ### 2. Key Electronic Specifications The "BA12" and "R2" designations usually refer to the voltage rating and the specific wiring/connector configuration. * **Operating Voltage:** Generally supports **24V DC**, common in PLC (Programmable Logic Controller) environments. * **Switching Current:** Low current capacity (typically **< 100mA**), designed for signal logic rather than driving high-power loads. * **Response Time:** Fast switching speeds (usually **< 2ms**), allowing for high-speed machine monitoring. * **Hysteresis:** Built-in magnetic hysteresis to prevent "chatter" (rapid flickering) when the magnet is at the edge of the sensing range. --- ### 3. Pinout and Wiring Logic While exact pinouts can vary by manufacturer (often associated with brands like *Bernstein* or *IDEM*), the standard M12 "Q" (Quick Disconnect) wiring usually follows this logic: ```yaml Pin 1: Brown -> +24V DC Pin 2: White -> Normally Closed (NC) Signal Pin 3: Blue -> 0V / Common Pin 4: Black -> Normally Open (NO) Signal ``` --- ### 4. Environmental and Physical Attributes * **Ingress Protection:** Usually **IP67 or IP69K**, making it resistant to dust and high-pressure water jets. * **Housing Material:** Robust plastic or stainless steel (depending on the R2 suffix) to resist chemical corrosion. * **Sensing Distance:** Typically operates within a **5mm to 15mm** range from the actuator magnet. --- ### 5. Application Areas 1. **Safety Interlocks:** Ensuring machine guards are closed before a motor starts. 2. **Piston Position:** Detecting the end-of-stroke in pneumatic cylinders. 3. **Industrial Doors:** Monitoring the status of heavy-duty warehouse gates.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for this specific R2 model?
    • ⤷ Is this sensor compatible with a standard Safety Relay?
    • ⤷ How does the sensing distance change if mounted on a metal surface?