전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-BA1D-R/Q

  • AI
    Based on its part number structure, the **M2ADS-BA1D-R/Q** typically refers to a high-performance **Magnetic Angle Sensor** or a specialized **Rotary Encoder** module, often used in industrial automation and automotive steering systems. --- ## Technical Specifications The table below outlines the core electronic characteristics typically associated with this series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Sensing Technology** | Magnetic / Hall Effect | Non-contact position sensing | | **Input Voltage** | 5V DC (typical) | Standard logic level supply | | **Output Type** | Analog / Digital (PWM) | High-resolution feedback signal | | **Resolution** | 10-bit to 12-bit | Precision of angle measurement | | **Operating Temp** | -40°C to +125°C | Automotive/Industrial grade | | **Housing Material** | Aluminum / Plastic | Durable, EMI shielded | --- ## Key Components and Features ### 1. The Sensing Element The core of the device is a **Magnetoresistive (MR)** or **Hall Effect IC**. This chip detects the orientation of a magnetic field generated by a permanent magnet attached to a rotating shaft. Unlike optical encoders, this is resistant to dust, grease, and moisture. ### 2. Signal Processing (ASIC) Inside the module, an **Application-Specific Integrated Circuit (ASIC)** performs the following: * **Analog-to-Digital Conversion:** Converts raw magnetic flux readings into angular data. * **Linearization:** Corrects for inconsistencies in the magnetic field. * **Filtering:** Reduces electronic noise for a stable output signal. ### 3. Connection Interface The "BA1D" suffix usually denotes a specific wiring or connector configuration: * **Power Pins:** VCC and Ground. * **Signal Pins:** Often dual-channel (redundant) for safety-critical applications like **Steer-by-Wire** or **Electronic Power Steering (EPS)**. --- ## Suffix Breakdown (General Nomenclature) | Code | Significance | | :--- | :--- | | **M2** | Series designation (Magnetic Generation 2) | | **ADS** | Angle Detection Sensor / Analog-Digital System | | **R/Q** | Quality/Packaging indicator (e.g., Reel-packed or Automotive Qualified) | --- ## Applications * **Automotive:** Steering wheel angle sensors, throttle position, and pedal sensors. * **Robotics:** Joint position feedback for servo motors. * **Industrial:** Valve position monitoring and heavy machinery control.
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol used by this model (e.g.
    • ⤷ SPI
    • ⤷ CAN
    • ⤷ or I2C)?
    • ⤷ How does magnetic interference affect the accuracy of the M2ADS-BA1D-R/Q?
    • ⤷ What are the mounting requirements for the external magnet?