전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-BAD-R2/Q

  • AI
    Based on its model designation, the **M2ADS-BAD-R2/Q** typically refers to a specialized **M.2 (NGFF) to Dual SATA 3.0 Adapter** with an integrated hardware RAID controller. These components are frequently used in industrial computing, embedded systems, and compact servers. Below is a breakdown of the key electronic parts and specifications for this module. ### 1. Primary Components & Architecture The device serves as a bridge between an M.2 interface and standard SATA drives. | Component | Description | Function | | :--- | :--- | :--- | | **Interface Connector** | M.2 Key B+M | Plugs into the host motherboard (SATA-based M.2 slot). | | **SATA Ports** | 2x 7-pin L-type | Connects to two external 2.5" or 3.5" SATA SSDs/HDDs. | | **RAID Controller** | Hardware IC (e.g., JMicron or ASMedia) | Manages data distribution across both drives without CPU overhead. | | **Voltage Regulator** | Step-down Buck Converter | Converts 3.3V (from M.2) to necessary operating voltages for the IC. | --- ### 2. Key Technical Specifications The "R2/Q" suffix usually denotes a specific revision (R2) and hardware RAID support (Q for "Quad-mode" or "Quick-RAID"). * **Host Interface:** M.2 SATA (Note: This is usually **not** compatible with NVMe/PCIe-only slots). * **Data Transfer Rate:** Up to 6Gbps per SATA port. * **RAID Modes Supported:** * **RAID 0 (Striping):** High performance, combines capacity. * **RAID 1 (Mirroring):** Data redundancy/safety. * **JBOD (Span):** Combines drives into one large volume. * **Normal (PM):** Drives appear as two separate disks (requires Port Multiplier support on host). --- ### 3. Electronic Configuration & Pinout The module utilizes the **M.2 Form Factor (2242 or 2280)**. #### Power Management Because M.2 slots provide limited current, this adapter often includes: 1. **Filter Capacitors:** To smooth out voltage ripples and prevent data corruption during high-speed transfers. 2. **LED Indicators:** * *Green/Blue:* Power and Link status. * *Red/Amber:* Disk activity or RAID rebuild status. #### Jumpers/Switches Most "R2/Q" versions feature a physical **DIP switch** or **Jumper pins**. These allow the user to set the RAID mode manually before powering on the system, ensuring the BIOS recognizes the array correctly. --- ### 4. Implementation Example (Code/Config) While the RAID is hardware-based, identifying the controller via a Linux terminal (if the host supports AHCI) would look like this: ```bash # To check if the controller is detected on the SATA bus lspci | grep -i sata # To check the status of the drives connected to the adapter lsblk -d ``` ---
    ✨ Follow-up Questions
    • ⤷ Does this adapter require a specific BIOS setting to enable RAID?
    • ⤷ What is the power consumption limit for drives connected to an M.2 SATA adapter?
    • ⤷ Is the M2ADS-BAD-R2/Q compatible with NVMe-only M.2 slots?