전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-BB1-R2

  • AI
    The **M2ADS-BB1-R2** is a specialized electronic component, typically classified as an **M.2 Adapter Board** (often associated with industrial or evaluation kits for specific system-on-modules). It acts as a bridge between high-speed M.2 interfaces and peripheral connectivity. Below is a breakdown of its electronic components and characteristics. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 (Next Generation Form Factor - NGFF) | | **Interface Support** | Typically PCIe, USB, and I2C/SMBus | | **Voltage Input** | 3.3V (standard for M.2) | | **Connector Type** | Gold-plated edge connector (M-Key or B-Key variant) | | **Reliability** | Industrial grade (R2 revision often denotes improved signal integrity) | --- ### 2. Core Electronic Sub-systems The board consists of several critical electronic sections designed to ensure stable data transmission and power management: #### A. Power Management Circuitry * **LDO Regulators:** Used to step down or stabilize voltages for sensitive logic components. * **Decoupling Capacitors:** Small ceramic capacitors (MLCC) placed near the power pins to filter out high-frequency noise and prevent voltage drops during high-speed data bursts. #### B. Signal Integrity Components * **Differential Pair Routing:** The PCB trace layout is designed with controlled impedance (usually 85-100 ohms) to handle high-speed PCIe signals. * **ESD Protection Diodes:** These protect the internal circuitry from electrostatic discharge when the card is handled or plugged in. #### C. Connectivity & Interconnects * **M.2 Edge Connector:** High-density pins that interface with the host motherboard. * **Breakout Headers:** Often includes small pins or pads for debugging (JTAG, UART, or I2C) to monitor the status of the connected module. --- ### 3. Functional Block Diagram (Simplified) ```mermaid graph LR A[M.2 Host Interface] --> B[Voltage Regulation] A --> C[High-Speed Data Lanes] C --> D[Target Device/Module] B --> D E[I2C/Management Bus] --> D ``` --- ### 4. Typical Applications * **Industrial Computing:** Interfacing proprietary modules with standard industrial motherboards. * **Testing & Validation:** Used by engineers to test M.2 modules in a bench-top environment. * **Expansion:** Adding specialized functionality (like AI acceleration or specific wireless protocols) to a system via the M.2 slot.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2ADS-BB1-R2 edge connector?
    • ⤷ Does this adapter support NVMe SSDs or is it limited to SATA/USB modules?
    • ⤷ What are the specific physical dimensions and mounting hole patterns for this board?