전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-C2C-R2

  • AI
    The **M2ADS-C2C-R2** is a specialized hardware component typically used in high-speed networking and data transfer environments. It is essentially an adapter or bridge designed to facilitate **Chip-to-Chip (C2C)** communication using the **M.2** form factor. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device acts as a physical interface converter, allowing high-speed serial data (often PCIe or a proprietary protocol) to travel between an M.2 slot and a cable-based connection. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (Type 2280 or 22110) | | **Interface** | PCIe x4 / x8 (depending on configuration) | | **Connectors** | SFF-8611 (OCuLink) or SFF-8654 (SlimSAS) | | **Protocol Support** | PCIe Gen 3.0 / Gen 4.0 | | **Input Voltage** | 3.3V (via M.2 Gold Finger) | --- ### 2. Key Electronic Components The "R2" in the model name often denotes a second revision, which usually includes improved signal integrity components. #### A. Differential Signal Routing * **Impedance Control:** The PCB is designed with strict 85-ohm or 100-ohm differential impedance to handle high-frequency signals without data loss. * **Trace Equalization:** Length matching is applied to all high-speed pairs to prevent "skew" between the clock and data signals. #### B. Power Management * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) are placed near the connectors to filter high-frequency noise from the 3.3V rail. * **LDO Regulators (Optional):** Some versions include Low-Dropout regulators to provide a clean reference voltage for the re-driver chips if present. #### C. Signal Conditioning (Re-drivers/Repeaters) In many C2C (Chip-to-Chip) applications, signals degrade over long cables. The M2ADS-C2C-R2 may include: * **Re-driver ICs:** To boost the signal strength and compensate for cable loss. * **Configuration Straps:** Small resistors that set the gain and equalization levels for the PCIe lanes. --- ### 3. Pinout and Connectivity The M.2 side follows the standard **M-Key** pinout, while the "C2C" side uses high-density connectors. * **Lanes 0-3:** Primary data path for PCIe x4. * **REFCLK +/-:** Differential clock signals essential for synchronization between the host and the end device. * **PERST#:** Fundamental reset signal for the PCIe bus. * **SMBus (SCL/SDA):** Used for out-of-band management and identifying the adapter type. --- ### 4. Typical Use Cases 1. **External GPU (eGPU) Links:** Connecting an M.2 slot to an external PCIe enclosure. 2. **NVMe Expansion:** Bridging an M.2 slot to a U.2 or U.3 backplane using a SlimSAS cable. 3. **Development Boards:** Connecting FPGA development kits to a standard PC motherboard for high-speed data acquisition. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R1 and R2 revisions of this adapter?
    • ⤷ Does this part support PCIe Gen 5 speeds?
    • ⤷ Which specific cables are compatible with the C2C connector on this board?