전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-CA1B-R2SLASHQ

  • AI
    The model number **M2ADS-CA1B-R2/Q** typically refers to a high-precision, industrial-grade **Magnetic Rotary Encoder** or a specialized sensor module, often associated with brands like **Tamagawa Seiki** or similar motion control manufacturers. These parts are critical for feedback in servo systems. Below is a breakdown of the electronic components and specifications typically associated with this series: ## Technical Specifications Overview | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Absolute Rotary Encoder | | **Interface** | RS-485 / Serial Communication | | **Resolution** | Usually 17-bit to 23-bit (High Precision) | | **Supply Voltage** | 5V DC (Standard for TTL/CMOS logic) | | **Operational Principle** | Hall Effect / Magnetoresistive sensing | | **Output Type** | Digital Differential Signal | --- ## Key Electronic Parts & Construction ### 1. Sensing Element (The "Magnetic" Core) Unlike optical encoders that use a glass disk and LEDs, the **M2ADS** series uses a permanent magnet attached to the rotating shaft and a specialized **Hall Effect Sensor IC** or **Magnetoresistive (MR) sensor array**. * **Advantage:** Resistant to dust, oil, and vibration which would fail an optical sensor. ### 2. Signal Processing ASIC Inside the housing is an **Application-Specific Integrated Circuit (ASIC)**. This chip performs several functions: * **Interpolation:** Converts raw analog magnetic sine/cosine waves into high-resolution digital counts. * **Error Correction:** Compensates for magnetic field fluctuations or mechanical misalignments. ### 3. Communication Interface (The "/Q" suffix) The suffix often denotes a specific communication protocol or wiring configuration. * **Line Driver:** Uses a differential transceiver (like the MAX485 or similar) to ensure the signal can travel over long cables without electromagnetic interference (EMI). * **Protocol:** Likely uses a proprietary serial protocol (like BiSS, EnDat, or Tamagawa protocol) to send position data to a PLC or Servo Drive. ### 4. Physical Connectors and Wiring * **R2 Designation:** Usually refers to a specific revision of the PCB or a specific cable exit type (Radial vs. Axial). * **Shielding:** The internal electronics are wrapped in a Faraday cage (metal housing) to prevent high-voltage motor noise from corrupting the encoder data. --- ## Application Context These parts are most commonly found in: 1. **CNC Machines:** To provide precise feedback on tool position. 2. **Robotic Arms:** Integrated into the joints to monitor angle. 3. **Factory Automation:** Used on the back of AC/DC Servo Motors.
    ✨ Follow-up Questions
    • ⤷What is the pinout diagram for the RS-485 interface on this model?
    • ⤷ How does a magnetic encoder compare to an optical encoder in high-vibration environments?
    • ⤷ What is the maximum RPM supported by the M2ADS series?