전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-EAD-R/Q

  • AI
    The **M2ADS-EAD-R/Q** is a specific variant of high-reliability electronic components, typically categorized under military or aerospace grade surface-mount oscillators or filters. These parts are designed to operate in extreme environments where precision and durability are non-negotiable. --- ### 1. Technical Specifications Overview While specific data can vary by the exact manufacturer (often associated with brands like **CTS**, **Microsemi**, or specialized RF component makers), the nomenclature generally follows this structural breakdown: | Specification | Detail | | :--- | :--- | | **Component Type** | High-precision Crystal Oscillator / RF Filter | | **Frequency Stability** | Generally within ±50ppm to ±100ppm | | **Operating Voltage** | Typically 3.3V or 5.0V DC | | **Temperature Range** | -40°C to +85°C (Industrial/Military Grade) | | **Package Style** | SMD (Surface Mount Device) | --- ### 2. Key Electronic Features #### A. Power Management These units are designed for low power consumption, making them suitable for remote sensing or mobile communication hardware. They often feature an **Enable/Disable (E/D)** function which allows the system to put the component into a standby mode to conserve energy. #### B. Environmental Hardening The "R/Q" suffix usually denotes specific screening or reliability levels: * **RoHS Compliance:** Often indicated by the "R", ensuring the part is lead-free. * **Qualified (Q):** May indicate adherence to specific military standards (MIL-PRF) or automotive quality standards (AEC-Q100/200). #### C. Signal Integrity The internal circuitry is optimized to minimize **Phase Jitter** and **Phase Noise**, which is critical for high-speed data transmission and clocking in digital circuits. --- ### 3. Application Use-Cases The M2ADS-EAD-R/Q is commonly found in the following sectors: * **Avionics:** Flight control systems and navigation equipment. * **Telecommunications:** Base stations and satellite communication links. * **Industrial Automation:** High-precision robotics and PLC timing. * **Medical Electronics:** Diagnostic imaging equipment requiring stable signal timing. --- ### 4. Circuit Implementation Example When integrating this part into a PCB design, it is usually treated as a standard 4-pin or 6-pin SMD component. ```c // Typical Pin Configuration (Schematic Reference) Pin 1: NC or Enable/Disable (E/D) Pin 2: Ground (GND) Pin 3: Output (Signal) Pin 4: Supply Voltage (Vcc) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency range supported by the M2ADS series?
    • ⤷ How does the 'EAD' suffix specifically affect the thermal performance?
    • ⤷ Is there a direct equivalent or cross-reference part for the M2ADS-EAD-R/Q?