전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-F2D-R2

  • AI
    The **M2ADS-F2D-R2** is a specific part number typically associated with high-performance, industrial-grade **Solid State Drives (SSDs)**, often manufactured by companies like **Innodisk**. Below is a detailed breakdown of the electronic components and technical specifications associated with this part series. --- ### 1. General Specifications The part number follows a specific nomenclature used in the embedded storage industry. Here is the technical profile: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | NVMe PCIe Gen 3 x4 | | **Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity Range** | Typically 128GB to 2TB | | **Operating Temp** | Standard (0°C ~ +70°C) or Industrial (-40°C ~ +85°C) | --- ### 2. Core Electronic Components The internal architecture of this M.2 SSD consists of several critical electronic sub-systems: #### A. The Flash Controller The "brain" of the SSD. It manages data placement, error correction (ECC), and wear leveling. * **Protocol:** NVMe 1.3/1.4 support. * **Channels:** Usually 4-channel or 8-channel flash interface to maximize throughput. #### B. NAND Flash Memory This is where data is physically stored. * **Technology:** 3D TLC (96-layer or 112-layer depending on the specific revision). * **Durability:** Integrated with **LDPC (Low-Density Parity-Check)** error correction to extend the lifespan of the cells. #### C. DRAM Buffer (Optional) The "D" in many M.2 part numbers refers to the inclusion of a **DRAM Cache**. * **Function:** Stores the Logical-to-Physical (L2P) mapping table to speed up data access and reduce latency. * **Type:** Usually LPDDR3 or LPDDR4. #### D. Power Management IC (PMIC) * **Voltage:** Regulates the 3.3V input from the M.2 slot down to the lower voltages required by the controller (approx. 0.9V - 1.2V) and NAND (1.8V). * **Protection:** Often includes OVP (Over Voltage Protection) and OCP (Over Current Protection). --- ### 3. Key Electronic Features The **R2** suffix often denotes a specific revision or a set of advanced features: 1. **iData Guard:** A proprietary power-loss protection mechanism that ensures data integrity during an unexpected power outage. 2. **Thermal Management:** Built-in thermal sensors that trigger "Thermal Throttling" if the drive exceeds safe operating temperatures. 3. **AES-256 Encryption:** Hardware-based encryption to secure data at rest without impacting CPU performance. --- ### 4. Pin Configuration (M.2 M-Key) The electronic interface uses the **M-Key** physical connector: | Pin Range | Description | | :--- | :--- | | **1 - 11** | Ground and PCIe Lane 3 | | **12 - 19** | PCIe Lane 2 | | **20 - 31** | PCIe Lane 1 | | **32 - 39** | PCIe Lane 0 | | **59 - 75** | 3.3V Power and Ground | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M2ADS-F2D-R2 model you are looking at?
    • ⤷ Does your application require the Industrial Temperature (-40°C to 85°C) version?
    • ⤷ Are you looking for the datasheet or pinout diagram for integration?