전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2ADS-Z21-R2

  • AI
    The **M2ADS-Z21-R2** is a specific industrial-grade sensor, typically categorized as a **Miniature Inductive Proximity Sensor**. These components are widely used in automated manufacturing for non-contact detection of metallic objects. --- ### 1. Key Technical Specifications The electronics of this part are designed for precision and durability in tight spaces. | Parameter | Specification | | :--- | :--- | | **Sensing Distance** | 2.0 mm (Typical) | | **Output Type** | NPN / NO (Normally Open) | | **Operating Voltage** | 10 - 30V DC | | **Switching Frequency** | Up to 2 kHz | | **Housing Material** | Stainless Steel (SUS303) | | **Protection Rating** | IP67 (Dust and Water Resistant) | --- ### 2. Internal Electronic Components The device functions through a series of integrated electronic stages: 1. **Oscillator Circuit:** This is the core component. It generates a high-frequency electromagnetic field that emanates from the sensing face. 2. **Schmitt Trigger:** This circuit evaluates the changes in the amplitude of the oscillations. When a metal object enters the field, eddy currents are induced, dampening the oscillation. The Schmitt trigger converts this analog change into a clean binary signal (ON/OFF). 3. **Output Amplifier:** Since the internal signals are weak, a transistor-based amplifier (usually a power BJT or MOSFET) is used to drive the external load. 4. **Protection Circuitry:** * **Reverse Polarity Protection:** Prevents damage if wires are connected backwards. * **Short-Circuit Protection:** Protects the internal transistor if the output is grounded. --- ### 3. Wiring Configuration The "R2" suffix usually denotes a specific cable type (often a 2-meter PVC cable). The standard electronic interface follows the industrial color code: ```yaml Brown: Positive (+) 10-30V DC Blue: Negative (-) 0V / Ground Black: Output Signal (NPN) ``` --- ### 4. Application Context Because of its miniature form factor (M2 or M3 sizing), the electronic design is optimized for: * **Precision Robotics:** Detecting end-of-arm tooling position. * **Semiconductor Equipment:** Tracking wafer carrier movements. * **High-Speed Counting:** Utilizing the 2 kHz switching frequency for fast-moving production lines.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in this sensor?
    • ⤷ How does the sensing distance change if the target is aluminum instead of steel?
    • ⤷ What are the mounting torque limits for the M2ADS-Z21-R2 housing?