전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-151-R/Q

  • AI
    The **M2AMS-151-R/Q** is a high-performance, double-balanced frequency mixer, typically used in microwave and radio frequency (RF) applications. These components are essential for frequency conversion (up-conversion or down-conversion) in communication systems. --- ### 1. Key Technical Specifications The following table outlines the typical electronic parameters associated with this specific model: | Parameter | Typical Value / Specification | | :--- | :--- | | **RF/LO Frequency Range** | 5 MHz to 1500 MHz | | **IF Frequency Range** | DC to 1000 MHz | | **Conversion Loss** | 6.5 dB (Typical) | | **LO Drive Level** | +7 dBm (Standard Level 7) | | **Isolation (LO-RF)** | 40 dB (Typical) | | **Isolation (LO-IF)** | 35 dB (Typical) | | **Package Type** | Surface Mount (SMD) | --- ### 2. Internal Electronic Components The device is a "Passive Mixer," meaning it does not require a DC power supply to operate. It consists of three primary internal sub-sections: #### A. Schottky Diode Quad At the heart of the mixer is a ring of four matched Schottky barrier diodes. These act as high-speed switches that open and close at the frequency of the Local Oscillator (LO). #### B. RF Balun Transformers The unit contains two ferrite-core transformers (baluns): 1. **LO Balun:** Converts the unbalanced LO input into a balanced signal to drive the diode quad. 2. **RF Balun:** Receives the RF signal and couples it to the diode ring. #### C. IF Extraction Circuit The intermediate frequency (IF) is extracted from the center taps of the transformers. Because it is a **Double-Balanced** design, it inherently provides high isolation between all three ports (LO, RF, and IF). --- ### 3. Application Use Cases * **Down-converters:** Used in receivers to shift high-frequency signals to a lower frequency for processing. * **Up-converters:** Used in transmitters to shift baseband or IF signals to higher microwave frequencies. * **Phase Detection:** Can be used as a phase comparator by feeding two signals of the same frequency into the RF and LO ports. --- ### 4. Schematic Symbol Representation In electronic circuit diagrams, the M2AMS-151-R/Q is represented by a circle with an "X" inside it, denoting the multiplication of two signals: ```text LO (Local Oscillator) | [--- Mixer ---] --- IF (Output) | RF (Input) ```
    ✨ Follow-up Questions
    • ⤷ What are the mounting requirements for the R/Q package variant?
    • ⤷ How does the +7 dBm LO power requirement affect the surrounding circuit design?
    • ⤷ Can this mixer be used in bi-directional communication systems?