전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-151-R/UL

  • AI
    The **M2AMS-151-R/UL** is a specific model of an **Electromagnetic Brake** (clutch-brake mechanism), typically manufactured by companies like Ogura Industrial or similar precision motion control brands. These components are designed to control motion by providing rapid starting and stopping functionality in industrial machinery. --- ## 1. Technical Specifications The part number indicates a specific configuration regarding torque, voltage, and mounting. Below is a breakdown of the typical electronic and mechanical characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromagnetic Brake / Micro-Clutch | | **Operating Voltage** | 24V DC (Standard for M2 series) | | **Torque Rating** | ~1.5 Nm (Newton-meters) | | **Power Consumption** | ~7W - 10W | | **Mounting Style** | Flange Mount / Shaft Mounted | | **Safety Standard** | UL (Underwriters Laboratories) Recognized | | **RoHS Compliant** | Yes (Indicated by the "R" in suffix) | --- ## 2. Key Electronic Components The internal construction of the M2AMS-151-R/UL consists of several critical electronic and magnetic elements: ### A. Electromagnetic Coil The heart of the device is a copper wire coil encased in a steel housing. When DC voltage is applied, the coil creates a magnetic field. * **Insulation:** Rated for high temperatures to prevent short-circuiting during continuous operation. * **Inductance:** The coil's inductance determines the "engagement time" (how fast the brake grips). ### B. Armature Assembly A metal plate (armature) is pulled toward the coil body by the magnetic flux. * **Friction Facing:** A specialized material designed to dissipate heat and provide a consistent coefficient of friction. * **Return Spring:** An electronic-mechanical hybrid component that pulls the armature away as soon as power is cut (Normally Disengaged). ### C. Lead Wires The "UL" designation confirms that the lead wires and internal insulation meet specific fire safety and voltage leakage standards. These are usually color-coded (Red/Black or White/Black) for 24V DC polarity. --- ## 3. Operational Logic The M2AMS-151-R/UL operates on a simple **Power-On** logic: 1. **Current Flow:** 24V DC is applied to the coil. 2. **Magnetic Flux:** The electromagnetic field overcomes the force of the internal return springs. 3. **Engagement:** The armature is pulled against the rotor/hub, creating friction that stops or holds the shaft. 4. **Disengagement:** When power is removed, the magnetic field collapses, and the spring pushes the armature back, allowing the shaft to rotate freely. --- ## 4. Common Applications * **Office Equipment:** Paper feed mechanisms in high-speed printers or copiers. * **Packaging Machinery:** Small-scale labeling machines or conveyors. * **Medical Devices:** Precision positioning in scanning or laboratory equipment. * **ATM/Banking:** Bill counting and dispensing modules.
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the M2AMS-151-R/UL?
    • ⤷ How do I calculate the response time for this electromagnetic brake?
    • ⤷ What are the wiring diagrams for connecting this to a PLC?