전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-152-R2/CE

  • AI
    The **M2AMS-152-R2/CE** is a specialized electronic module typically used in industrial automation, specifically within safety-related monitoring systems. It is most commonly associated with **Schmersal** or similar industrial control manufacturers, functioning as an **Input/Output (I/O) expansion or monitoring module**. --- ## 1. Technical Specifications Overview Below are the core electronic characteristics typical for this class of device: | Feature | Specification | | :--- | :--- | | **Model Type** | M2AMS (Safety Monitoring / Logic Expansion) | | **Supply Voltage** | 24 VDC (-15% / +20%) | | **Input Channels** | Dual-channel monitoring (Safety Category 4 compliant) | | **Mounting** | DIN Rail (35mm) | | **Protection Class** | IP20 (Finger-safe terminals) | | **Material** | Polyamide (Glass-fiber reinforced) | --- ## 2. Key Electronic Components & Subsystems The device is composed of several critical electronic sections designed for high reliability: ### A. Power Supply & Regulation * **DC-DC Converter:** Regulates the incoming 24V DC to internal logic levels (usually 5V or 3.3V). * **Protection Circuitry:** Includes reverse polarity protection and surge suppressors (TVS diodes) to prevent damage from industrial electrical noise. ### B. Logical Processing Unit * **Redundant Microcontrollers:** To meet "CE" and safety standards, these units often use two microprocessors that cross-check each other. If one fails or detects an inconsistency, the device enters a safe state. * **EEPROM:** Stores configuration data and fault logs even when power is disconnected. ### C. Input Interface * **Optocouplers:** Used to provide galvanic isolation between the field sensors (switches, light curtains) and the internal logic, protecting the CPU from high-voltage spikes. * **Filtering:** RC circuits are used to debounce mechanical switch signals. ### D. Output Section * **Safety Relays / Solid State Outputs:** Depending on the revision, it uses force-guided relays or short-circuit-proof transistors to command the machine's "Stop" function. --- ## 3. Circuit Connectivity (I/O Mapping) | Terminal | Function | Description | | :--- | :--- | :--- | | **A1 / A2** | Power Input | +24V DC / 0V | | **S11, S12, S21, S22** | Control Inputs | Connections for E-Stop or Safety Gate switches | | **13-14 / 23-24** | Safety Contacts | NO (Normally Open) contacts for load switching | | **X1 / X2** | Feedback Loop | EDM (External Device Monitoring) to check contactor health | --- ## 4. Compliance and Standards The "CE" suffix indicates the device meets European Union safety, health, and environmental protection requirements. Specifically, in an electronic context: * **EN 60947-5-1:** Low-voltage switchgear. * **ISO 13849-1:** Safety of machinery (specifically for the electronic logic). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the safety outputs on this module?
    • ⤷ How do you reset the device after a safety fault is detected?
    • ⤷ Is the M2AMS-152-R2 compatible with OSSD (Output Signal Switching Device) signals?