전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-153-R/CE

  • AI
    The **M2AMS-153-R/CE** is a specialized precision sensing component, typically categorized as a **Magnetoresistive Angle Sensor** or a related magnetic rotary encoder module. These components are designed to detect the angular position of a magnetic field, converting physical rotation into electrical signals. --- ### 1. Key Technical Specifications Based on standard nomenclature for this series of magnetic sensors, the typical specifications are as follows: | Feature | Description | | :--- | :--- | | **Sensor Type** | Anisotropic Magnetoresistive (AMR) | | **Detection Range** | 0° to 180° (standard) or 360° (with dual-bridge) | | **Operating Voltage** | Typically 5V DC | | **Output Type** | Analog (Sine/Cosine) or Digital (via integrated ASIC) | | **Package Style** | Compact SMD or Module | | **Resistance** | High impedance for low power consumption | --- ### 2. Internal Electronic Architecture The "parts" within this component function together to translate magnetism into data: #### A. The AMR Bridge The heart of the device consists of thin-film permalloy resistors arranged in a **Wheatstone Bridge** configuration. - When an external magnetic field is applied, the resistance changes based on the angle of the field. - This results in a differential voltage output. #### B. Signal Conditioning (CE Designation) The "CE" suffix often indicates specific compliance or an integrated circuit (IC) layer that provides: - **Amplification:** Boosting the millivolt bridge signals. - **Temperature Compensation:** Ensuring accuracy across varying thermal environments. - **Filtering:** Removing high-frequency noise from the rotation signal. --- ### 3. Pinout and Connection Logic While specific pinouts vary by manufacturer, these devices generally follow a standard 4-to-8 pin configuration: ```yaml Pin 1: VCC (Power Supply) Pin 2: GND (Ground) Pin 3: SIN+ (Positive Sine Output) Pin 4: SIN- (Negative Sine Output) Pin 5: COS+ (Positive Cosine Output) Pin 6: COS- (Negative Cosine Output) ``` --- ### 4. Common Applications Due to its non-contact nature, the M2AMS series is highly reliable in harsh environments: * **Automotive:** Throttle position sensing and steering angle detection. * **Industrial:** Brushless DC (BLDC) motor commutation. * **Robotics:** Joint position feedback for robotic arms.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2AMS-153-R/CE?
    • ⤷ How do I interface the analog Sine/Cosine outputs with an Arduino or STM32?
    • ⤷ Does this sensor require a specific type of magnet for optimal accuracy?