전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-153-R2/UL

  • AI
    The **M2AMS-153-R2/UL** is a specific model of a **magnetic proximity sensor** (often referred to as a magnetic reed switch) commonly used in security systems, industrial automation, and position sensing. --- ### 1. Key Technical Specifications The "UL" suffix indicates that the component is listed or recognized by Underwriters Laboratories, ensuring it meets specific safety standards. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic Contact / Proximity Sensor | | **Contact Form** | Form A (Normally Open - NO) | | **Operating Voltage** | Up to 100V DC/AC | | **Switching Current** | 0.5A (Typical) | | **Material** | High-impact ABS Plastic / Rhodium-plated Reed | | **Gap Distance** | 15mm to 25mm (approx. 0.6" - 1.0") | | **Wiring** | Lead wires (usually 22 AWG) | --- ### 2. Internal Electronic Construction The device consists of two main physical parts: the **Switch** and the **Actuator**. #### A. The Reed Switch (Stationary Part) * **The Capsule:** A hermetically sealed glass tube containing two ferromagnetic flexible metal contacts (reeds). * **The Contacts:** Usually coated with Rhodium or Ruthenium to prevent "pitting" and ensure a long lifecycle (millions of cycles). * **Operation:** In its default state, the reeds are separated. When a magnetic field is brought close, the reeds become polarized and pull together, closing the circuit. #### B. The Magnet (Moving Part) * **Material:** Typically Alnico or Neodymium. * **Housing:** Encased in a matching plastic shell to the switch, designed for surface mounting using screws or adhesive. --- ### 3. Application and Usage This specific part is designed for **Surface Mounting**. 1. **Security Systems:** Mounted on window frames or doors. When the door opens, the magnet moves away from the switch, breaking the circuit and triggering an alarm. 2. **Industrial Limit Sensing:** Used to detect the "home" position of a robotic arm or the closure of a safety gate. 3. **Low Power Logic:** Used as an input to a PLC (Programmable Logic Controller) or a microcontroller (like Arduino/ESP32) to detect state changes. --- ### 4. Installation Diagram Below is a simplified representation of how the circuit is wired: ```text [ Power Source ] ---- [ Wire ] ---- [ M2AMS-153 Switch ] ---- [ Load/Input ] ---- [ GND ] ^ | (Magnetic Field) [ M2AMS-153 Magnet ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 'Normally Open' and 'Normally Closed' magnetic switch?
    • ⤷ How does the gap distance affect the reliability of the M2AMS-153?
    • ⤷ What are the specific UL standards relevant to this magnetic contact?