전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-15D-R/UL

  • AI
    The **M2AMS-15D-R/UL** is a high-precision, plug-in type signal conditioner (specifically an Isolator/Transmitter) manufactured by **M-System**. It is designed to take a DC input signal and provide a galvanically isolated DC output. --- ## 1. Core Technical Specifications The model code `M2AMS-15D-R/UL` breaks down into specific electronic parameters: | Code Segment | Parameter | Description | | :--- | :--- | :--- | | **M2AMS** | Model Series | Ultra-slim Signal Conditioner (M2 Series) | | **1** | Input | 0 – 10V DC | | **5** | Output | 4 – 20mA DC | | **D** | Power Input | 24V DC | | **R** | Response Time | Standard (approx. 0.5 seconds) | | **UL** | Certification | UL/cUL recognized component | --- ## 2. Key Electronic Components & Features ### A. Galvanic Isolation (3-Port Isolation) This device provides 2000V AC isolation between the **Input**, **Output**, and **Power** terminals. * **Electronic benefit:** It prevents ground loops and protects sensitive PLC/DCS control systems from high-voltage surges or electrical noise originating at the field sensor. ### B. Signal Conversion Circuitry The internal electronics utilize high-linearity Op-Amps and a precision shunt resistor network to convert the 0-10V voltage signal into a 4-20mA current loop. * **Input Impedance:** Typically 1 MΩ minimum (ensures negligible loading on the source). * **Load Resistance:** Can drive up to 550 Ω. ### C. Construction & Mounting * **Socket-Type Base:** The electronics are housed in a module that plugs into a 11-pin base. This allows for "hot-swapping" or easy replacement without disturbing the field wiring. * **Status Indicator:** Usually features a front-facing Power LED to indicate the internal 24V DC bus is active. --- ## 3. Electrical Connections The pin configuration follows the standard M-System M2 series 11-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1 & 11** | Power | +24V DC and 0V | | **5 & 6** | Input | +0-10V and -Common | | **7 & 8** | Output | +4-20mA and -Common | --- ## 4. Application Use Case In an industrial environment, the **M2AMS-15D-R/UL** is electronically positioned between a sensor (like a pressure transducer providing 0-10V) and a controller (like a PLC requiring 4-20mA). It ensures the signal remains clean, accurate, and safe across long cable runs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the M2AMS-15D-R/UL?
    • ⤷How does the 'R' response time differ from the fast-response 'K' model?
    • ⤷Can this module be mounted on a standard DIN rail?