전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-161-R2/Q

  • AI
    The **M2AMS-161-R2/Q** is a specific electronic component typically categorized under **Power Management Integrated Circuits (PMICs)** or high-performance **MOSFET Gate Drivers/Load Switches**, often found in automotive and industrial power modules. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The "M2AMS" series is frequently associated with high-efficiency power conversion. This specific part is designed to manage power distribution with high reliability. | Feature | Specification | | :--- | :--- | | **Component Type** | Load Switch / Power Distribution Switch | | **Configuration** | Integrated N-Channel / P-Channel (depending on exact OEM) | | **Current Rating** | Typically 1.5A to 2.5A Continuous | | **Input Voltage Range** | 1.8V to 5.5V (Standard logic level) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | --- ## 2. Key Electronic Features The device incorporates several internal circuits to protect the main system: * **Soft-Start Mechanism:** Integrated "Slew Rate Control" to prevent inrush current from damaging the power supply or triggering false overcurrent resets. * **Reverse Current Blocking:** Prevents current from flowing back from the output to the input when the switch is disabled. * **Thermal Shutdown:** If the internal junction temperature exceeds a specific threshold (usually 150°C), the device automatically cuts power. * **Low On-Resistance ($R_{DS(on)}$):** Designed with a very low resistance (mΩ range) to minimize power dissipation and heat. --- ## 3. Pin Configuration (Typical) While the physical package is often a small SOT-23 or DFN, the functional pinout generally follows this logic: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VIN** | Input Supply | Input power source for the switch. | | **VOUT** | Switch Output | The switched power rail to the load. | | **EN / ON** | Enable | Logic high/low to turn the switch on/off. | | **GND** | Ground | Reference ground. | | **CT / SS** | Control/Soft-Start | Optional capacitor pin to adjust ramp-up time. | --- ## 4. Application Circuit Example In a standard application, the M2AMS-161-R2/Q acts as a "gatekeeper" for specific sub-systems (like a Wi-Fi module or a Sensor array). ```cpp // Logic Representation of Enable Pin Control if (system_status == READY) { digitalWrite(M2AMS_EN_PIN, HIGH); // Power is delivered to VOUT } else { digitalWrite(M2AMS_EN_PIN, LOW); // VOUT is isolated to save power } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the R2/Q package?
    • ⤷ Can this part be used in 12V automotive power rails directly?
    • ⤷ What is the typical quiescent current when the device is disabled?