전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-16B-R2

  • AI
    The **M2AMS-16B-R2** is a specific model of an **ARM (Adjustable Robot Manipulator) / Motorized Actuator System**, typically associated with precision motion control and modular robotics. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications The "16B" in the model name usually refers to the frame size or torque capacity, while "R2" indicates a second-revision hardware design. | Feature | Description | | :--- | :--- | | **Motor Type** | High-torque Brushless DC (BLDC) or Stepper-based | | **Feedback System** | Integrated Absolute Magnetic Encoder | | **Communication Interface** | RS-485, CAN-Bus, or EtherCAT | | **Operating Voltage** | Typically 12V to 48V DC | | **Gear Ratio** | Harmonic or Planetary Drive (often 1:50 or 1:100) | --- ### 2. Core Electronic Components #### A. Integrated Controller (Driver) The R2 version features an onboard logic board that handles: * **PID Control Loops:** Real-time calculation of position, velocity, and current. * **Thermal Management:** Sensors to prevent overheating during high-torque stalls. * **Firmware Storage:** Flash memory for motion profiles and ID settings. #### B. Encoder System Unlike simple motors, this unit uses an **Absolute Encoder**: * It remembers its position even after power loss. * Uses magnetic sensing technology to resist dust and mechanical vibration. * Provides high resolution (often 12-bit to 16-bit) for sub-millimeter precision. #### C. Communication Circuitry The module acts as a "smart node" on a bus: * **Daisy-Chaining:** Electronic ports allow multiple M2AMS units to be linked in series. * **Packet Processing:** The electronics interpret digital commands (e.g., "Move to 90 degrees") and translate them into phase-current adjustments. --- ### 3. Connection Pinout (Typical) Most M2AMS units use a multi-pin connector (like a Molex or JST series) for integrated signals: 1. **VCC:** Power Supply (+) 2. **GND:** Ground (-) 3. **Data +:** Communication High (RS485/CAN) 4. **Data -:** Communication Low (RS485/CAN) --- ### 4. Safety and Protection Circuits The electronic assembly includes: * **Over-current Protection:** Shuts down the FETs if the motor draws too much power. * **Reverse Polarity Protection:** Prevents damage if the power cables are swapped. * **Voltage Surge Suppression:** TVS diodes to handle inductive spikes from the motor.
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak torque for the 16B model?
    • ⤷ Which communication protocol is standard for the R2 revision?
    • ⤷ Does this model support ROS (Robot Operating System) integration?