전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-2A-R/N

  • AI
    The **M2AMS-2A-R/N** is a specific model within the series of **solid-state power controllers/monitors** or high-performance relay modules, typically used in industrial automation, specifically within the product lines of manufacturers like **M-System**. --- ## 1. Technical Specifications Overview This device is primarily used for monitoring and controlling AC power loads. Below are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Model Type** | AC Power Monitor / Control Module | | **Input Type** | AC Voltage/Current (RMS Sensing) | | **Output Type** | Relay Contact (DPDT or SPDT depending on configuration) | | **Power Supply** | 24V DC / 100-240V AC (varies by suffix) | | **Response Time** | ≤ 0.5 seconds | | **Mounting** | DIN Rail or Surface Mount | --- ## 2. Component Breakdown & Functionality ### A. Sensing Circuitry The "AMS" designation often refers to an **Alarm Setting** or **Monitoring** unit. It utilizes a precision internal shunt or potential transformer to measure the incoming AC signal. * **RMS Measurement:** It calculates the True Root Mean Square value, allowing it to handle distorted waveforms or harmonics common in industrial power lines. ### B. Logic & Comparator Section The internal circuitry compares the measured input against a user-defined threshold (set via potentiometers or digital scaling). * **R/N Suffix:** This usually indicates the relay contact logic and the power source. * **R:** Often denotes a relay contact output. * **N:** Can denote the specific power requirement (e.g., No auxiliary power needed or specific DC voltage). ### C. Output Stage (Relay) The device acts as a protection layer. When the measured current or voltage exceeds/falls below the set point: 1. The internal logic triggers a **mechanical relay**. 2. The contact switches state to either trip a circuit breaker or alert a PLC (Programmable Logic Controller). --- ## 3. Wiring Terminal Configuration Typical wiring for the M2AMS series follows this structure: | Terminal | Description | | :--- | :--- | | **1 - 2** | Input Signal (AC Voltage or Current) | | **3 - 4** | Auxiliary Power Supply | | **5 - 6 - 7** | Relay Output 1 (Common, NC, NO) | | **8 - 9 - 10** | Relay Output 2 (Common, NC, NO) | --- ## 4. Key Application Use Cases * **Overload Protection:** Cutting power to a motor if the current draw exceeds safe limits. * **Phase Monitoring:** Detecting if one phase of a power system has dropped or is under-voltage. * **Process Automation:** Providing a digital feedback loop to a control system based on real-time power consumption.
    ✨ Follow-up Questions
    • ⤷ What are the specific threshold adjustment ranges for this model?
    • ⤷ How does the 'R/N' suffix change the wiring diagram compared to the 'R/M' version?
    • ⤷ Is this module compatible with 3-phase power monitoring or single-phase only?