전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-3D-R/Q

  • AI
    The **M2AMS-3D-R/Q** is a high-performance, industrial-grade MEMS (Micro-Electro-Mechanical Systems) accelerometer, typically associated with the **Memsic** or similar specialized sensor portfolios. It is designed for precision tilt sensing, vibration monitoring, and motion detection in harsh environments. --- ### 1. Technical Specifications Below are the key electronic characteristics of the component: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Axis Count** | 3-Axis (X, Y, Z) | Measures acceleration in three dimensions. | | **Output Type** | Digital (I2C / SPI) | Communicates via standard serial protocols. | | **Supply Voltage** | 2.5V to 3.6V | Standard low-power operating range. | | **Measurement Range** | ±2g, ±4g, ±8g | User-selectable dynamic range. | | **Resolution** | 12-bit to 14-bit | High sensitivity for subtle movements. | | **Operating Temp** | -40°C to +85°C | Industrial temperature grade. | --- ### 2. Core Electronic Components The internal architecture of the M2AMS series consists of two primary sections: #### A. MEMS Sensor Element * **Proof Mass:** A microscopic silicon structure that moves when subjected to acceleration. * **Capacitive Sensing:** As the mass moves, the capacitance between the mass and fixed electrodes changes. This change is proportional to the G-force applied. #### B. ASIC (Application-Specific Integrated Circuit) * **Charge Amplifier:** Converts the tiny capacitive changes into a voltage signal. * **Analog-to-Digital Converter (ADC):** Digitizes the analog signals for processing. * **Digital Logic / DSP:** Handles filtering, offset compensation, and temperature calibration. * **Interface Logic:** Manages the communication (R/Q suffix usually denotes specific packaging or communication revisions). --- ### 3. Pinout and Interface (Common Logic) While specific footprints can vary, the "R/Q" variants generally follow this logic: ```cpp // Example of a typical Digital Sensor Initialization logic void setupSensor() { Wire.begin(); // Write to Control Register to set Range (e.g., +/- 2g) writeRegister(0x11, 0b00000000); // Power on the sensor (Set Active Mode) writeRegister(0x07, 0x01); } ``` --- ### 4. Application Use Cases * **Structural Health Monitoring:** Detecting vibrations in bridges or buildings. * **Industrial Inclination:** Precision leveling for heavy machinery. * **IoT Assets:** Tracking movement and orientation for logistics. * **Robotics:** Providing stability and tilt feedback for autonomous units.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R and Q versions of this sensor?
    • ⤷ How do I implement a low-pass filter for this accelerometer in C++?
    • ⤷ What is the current consumption of this part in sleep mode vs active mode?