전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-4A-R2/CE

  • AI
    The **M2AMS-4A-R2/CE** is a high-performance **Programmable Multi-Function Transducer** (often referred to as a Power Multi-meter or Power Transducer) manufactured by **M-System**. It is designed to measure various AC power parameters and convert them into isolated analog signals or digital communication data. --- ### 1. Core Technical Specifications The device is categorized by its ability to process 3-phase, 4-wire (or 3-wire) electrical systems. | Feature | Specification | |:---|:---| | **Model Series** | M2AMS (Multi-power Transducer) | | **Input Type** | AC Voltage, AC Current, Frequency | | **Output Type** | 4 to 20 mA DC (Configurable) | | **Power Supply** | 100 – 240V AC or 108 – 132V DC | | **Accuracy** | ±0.2% to ±0.5% (depending on parameter) | | **Isolation** | Input to output to power to ground | | **Standard** | CE Marking (European Conformity) | --- ### 2. Electronic Measurement Capabilities The internal electronics are designed to calculate multiple electrical values simultaneously from the raw AC input: * **Voltage (V):** RMS values for Phase-to-Neutral and Phase-to-Phase. * **Current (I):** RMS values per phase and Neutral current. * **Active Power (P):** Real power consumption in Watts. * **Reactive Power (Q):** Measured in VARs. * **Apparent Power (S):** Measured in VA. * **Power Factor (PF):** The ratio of real power to apparent power. * **Frequency (Hz):** Grid frequency monitoring. * **Energy (kWh):** Integrated active energy over time. --- ### 3. Key Electronic Components & Features #### A. Input Conditioning Circuitry The device uses high-precision **Current Transformers (CT)** and **Potential Transformers (PT)** internally to step down high industrial voltages and currents to levels safe for the internal Microcontroller (MCU). #### B. Analog-to-Digital Conversion (ADC) It utilizes high-speed sampling ADCs to capture the waveform of the AC sine wave. This allows for **True RMS** calculation, ensuring accuracy even if the power signal is distorted by harmonics. #### C. Isolation Barrier The "R2" designation often implies a specific configuration regarding the power supply and isolation. The electronics feature **Opto-couplers** or **Transformer isolation** to ensure that high-voltage surges on the input side do not damage the PLC or DCS connected to the output side. #### D. Programmability (The "4A" Logic) The "4A" in the model code typically refers to the output configuration (often 4-20mA). These outputs are programmable via a PC or the front-panel buttons, allowing the user to map any measured parameter (like Phase A Voltage) to the analog output signal. --- ### 4. Terminal Configuration Example | Terminal No. | Function | Description | |:---:|:---|:---| | **1 - 4** | Voltage Inputs | Connections for L1, L2, L3, and Neutral | | **5 - 10** | Current Inputs | Connections for CT (Current Transformer) secondary | | **11 - 12** | Analog Output | 4-20mA DC Loop | | **13 - 14** | Auxiliary Power | Mains power for the unit | --- ### 5. Application Areas * **Energy Management Systems (EMS):** Monitoring building power consumption. * **Factory Automation:** Tracking motor health via current/power draw. * **Switchboards:** Providing real-time data to SCADA systems via RS-485 (Modbus) or analog signals.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and other power supply suffixes for this model?
    • ⤷ How do I calibrate the 4-20mA output for a specific Watt range?
    • ⤷ Does this model support Modbus RTU communication alongside analog outputs?