전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-4A-R2/Q

  • AI
    Based on the technical designation, the **M2AMS-4A-R2/Q** typically refers to a high-precision, plug-in type **Signal Conditioner (Isolator/Transmitter)** from the M2 series, often manufactured by companies like M-System (now MG CO., LTD). Below is a breakdown of its electronic components, functions, and specifications. --- ### 1. Functional Overview This device is designed to accept a specific analog input signal and convert it into a standardized, isolated analog output signal. The "Q" suffix generally denotes a special specification or a requirement for a specific quality standard (often related to tropicalization or specific testing). ### 2. Part Number Breakdown (Specifications) | Component Code | Description | Details | | :--- | :--- | :--- | | **M2AMS** | **Series Model** | Ultra-slim signal conditioner (Plug-in type). | | **4** | **Input Signal** | 4 – 20 mA DC. | | **A** | **Output Signal** | 4 – 20 mA DC. | | **R** | **Power Input** | 24V DC. | | **2** | **Isolation** | 2-port isolation (Input to Output/Power). | | **Q** | **Special Option** | Often indicates conformal coating or specific factory settings. | --- ### 3. Key Electronic Characteristics #### A. Input & Output Circuitry * **Input Impedance:** Typically 250 $\Omega$ for the 4-20mA current loop. * **Load Resistance:** The output can usually drive up to 550 $\Omega$. * **Operational Amplifier (Op-Amp) Stage:** High-precision instrumentation amplifiers are used to ensure minimal signal drift and high linearity (usually $\pm$0.1%). #### B. Isolation Technology * **Optical or Transformer Isolation:** Uses an internal optocoupler or a high-frequency transformer to physically separate the input and output circuits. * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute between terminals. * **Benefit:** This prevents "Ground Loops" which can distort sensor data in industrial environments. #### C. Power Management * **DC/DC Converter:** An internal switching regulator converts the 24V DC input into stable internal rails for the analog circuitry. * **Protection:** Includes reverse polarity protection and surge suppression. --- ### 4. Physical and Installation Features * **Housing:** Flame-resistant black resin. * **Connection:** 8-pin or 11-pin circular socket (Plug-in base). * **Adjustments:** Front-facing **Zero** and **Span** potentiometers (trimmers) for fine-tuning the calibration $(\pm 5\%)$. * **LED Indicator:** A power indicator LED is standard on the front panel to verify device status. --- ### 5. Summary Table | Feature | Specification | | :--- | :--- | | **Accuracy** | $\pm 0.1\%$ of span | | **Temperature Coefficient** | $\pm 0.015\%$ per $^\circ$C | | **Response Time** | $\leq 0.5$ seconds (0 to 90%) | | **Operating Temp** | $-5$ to $+55$ $^\circ$C | | **Mounting** | DIN Rail via socket |
    ✨ Follow-up Questions
    • ⤷ What is the specific meaning of the 'Q' suffix for this manufacturer?
    • ⤷ Can this model be used to convert 0-10V signals instead of 4-20mA?
    • ⤷ What is the typical lifespan of the internal capacitors in these signal conditioners?