전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-A11-R2/N

  • AI
    The **M2AMS-A11-R2/N** is a specific part number typically associated with **M2 Series Analog Output Modules** used in industrial automation and signal conditioning, often manufactured by companies like *M-System*. Below is a breakdown of its electronic components, specifications, and functional architecture. --- ### 1. Functional Overview The M2AMS is a plug-in signal conditioner that converts a DC input signal into a standard analog output signal. It provides **galvanic isolation** between the input, output, and power supply. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Model Type** | M2 Series Signal Conditioner | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC | | **Power Supply** | 100 – 240V AC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | Plug-in socket (typically 11-pin or DIN rail) | | **Accuracy** | ±0.1% of span | --- ### 3. Key Electronic Components The internal circuitry of this module is designed for precision and reliability in harsh industrial environments: #### A. Input Stage * **Precision Shunt Resistor:** Converts the 4-20mA current loop into a measurable voltage. * **Operational Amplifiers (Op-Amps):** Low-drift amplifiers are used to buffer the input signal before isolation. #### B. Isolation Barrier * **Optical or Transformer Isolation:** Uses optocouplers or high-frequency transformers to ensure there is no electrical path between the field input and the controller output. This prevents ground loops and protects equipment from surges. #### C. Power Supply Section * **Switching Regulator:** Converts the AC mains input (100-240V) into stable internal DC voltages (typically 5V or 12V). * **Filter Capacitors:** High-grade electrolytic and ceramic capacitors to reduce ripple and noise. #### D. Output Stage * **Constant Current Drive:** A feedback loop ensures the output current remains stable regardless of the load resistance (up to a specific limit, usually 750Ω). * **Zero/Span Trim Potentiometers:** Multi-turn resistors (accessible from the front) used to calibrate the minimum and maximum signal levels. --- ### 4. Wiring and Pin Configuration (Standard 11-pin) While exact diagrams depend on the socket base, the typical electronic layout is: 1. **Power Input:** Usually Pins 1 & 11. 2. **Signal Input:** Positive (+) and Negative (-). 3. **Signal Output:** Positive (+) and Negative (-). --- ### 5. Application Use Case These modules are used in **PLC/DCS systems** where: * A sensor signal needs to be sent over a long distance. * Different ground potentials between the field device and the control room could cause signal errors. * Protection is needed against high-voltage transients on the signal lines. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum load resistance supported by the 4-20mA output?
    • ⤷ How do I perform a zero and span adjustment on this module?
    • ⤷ Does this model support HART protocol pass-through?