전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-A4-R2

  • AI
    The **M2AMS-A4-R2** is a high-performance **Magnetic Angle Sensor** module designed for industrial and automotive applications. It is typically used for non-contact rotary position sensing, offering high durability compared to traditional mechanical potentiometers. --- ### 1. Key Technical Specifications The module is built around a specialized Hall-effect sensor IC that detects the orientation of a magnetic field. | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage (Vcc)** | 4.5V to 5.5V DC | | **Output Type** | Analog (Ratiometric) | | **Measurement Range** | 0° to 360° (Endless rotation) | | **Resolution** | 12-bit (Internal) | | **Operating Temperature** | -40°C to +125°C | | **Mechanical Life** | Virtually infinite (Non-contact) | --- ### 2. Electronic Component Breakdown The assembly consists of three primary electronic segments: #### A. The Sensor IC (Hall-Effect Array) The core of the M2AMS is a **Magnetic Encoder IC**. It contains a vertical Hall-effect element array that measures the sine and cosine components of the magnetic field from a nearby permanent magnet. An internal DSP (Digital Signal Processor) converts these raw signals into an angular position. #### B. Signal Conditioning Circuitry * **Operational Amplifiers:** Used to buffer the analog output to ensure signal integrity over longer wire runs. * **Protection Diodes:** Includes TVS (Transient Voltage Suppressor) diodes to protect against ESD and voltage spikes. * **Filtering Capacitors:** Decoupling capacitors are placed near the Vcc pin to filter out high-frequency noise from the power supply. #### C. Connector and Interface * **Housing:** Usually a ruggedized plastic or metal casing. * **Wiring:** Typically a 3-wire interface (Power, Ground, and Signal). --- ### 3. Functional Operation 1. **Magnet Interaction:** A diametrically magnetized magnet is attached to the rotating shaft. 2. **Field Detection:** As the magnet rotates, the sensor IC detects the changing magnetic flux. 3. **Processing:** The internal logic calculates the angle using an ArcTangent algorithm. 4. **Output:** The module outputs a voltage proportional to the angle. For example, in a 5V system: * 0° = 0.5V * 180° = 2.5V * 360° = 4.5V --- ### 4. Applications * **Steer-by-wire** systems in automotive. * **Industrial Valve** position monitoring. * **Robotic Joints** where high precision and dust resistance are required. * **Pedal Position** sensing in heavy machinery.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R1 and R2 revisions of this sensor?
    • ⤷ How do I calibrate the analog output for a specific angular range?
    • ⤷ What type of magnet is recommended for use with the M2AMS-A4-R2?