전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-A4-R2/N

  • AI
    The **M2AMS-A4-R2/N** is a specialized electronic component, typically identified as a **Potentiometer Transmitter** or a **Signal Conditioner** from the M2 Series (often manufactured by companies like M-System). These devices are used in industrial automation to convert resistance signals from a potentiometer into standard process signals (like 4-20mA or 1-5V DC). ### 1. Model Breakdown (Nomenclature) The part number can be broken down to understand its specific electronic configuration: | Code | Component Segment | Description | | :--- | :--- | :--- | | **M2AMS** | Model Series | Potentiometer Transmitter (Plug-in base) | | **A4** | Input Signal | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **R** | Output Signal | 4 – 20 mA DC (Load resistance 600 $\Omega$ max.) | | **2** | Power Input | 24V DC | | **N** | Option | None (Standard configuration) | --- ### 2. Key Technical Specifications Below are the electrical characteristics typical for this specific model: | Parameter | Specification | | :--- | :--- | | **Input Resistance** | 100 $\Omega$ to 10 k$\Omega$ (Total resistance) | | **Minimum Span** | 10% of total resistance | | **Excitation Voltage** | Approx. 0.5V DC | | **Output Type** | Current Loop (4–20mA) | | **Accuracy** | $\pm$0.1% | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way (Input to Output to Power) | --- ### 3. Functional Operation The electronic circuitry inside the M2AMS-A4-R2/N performs three primary roles: 1. **Reference Voltage Generation:** It applies a small, stable DC voltage across the external potentiometer. 2. **Signal Normalization:** As the wiper of the potentiometer moves, the voltage ratio changes. The internal amplifier scales this ratio based on the "Zero" and "Span" settings. 3. **Current Loop Driving:** The internal electronics convert the scaled voltage into a regulated 4-20mA current signal, which is robust against noise and can be transmitted over long distances to a PLC or DCS. --- ### 4. Connection Diagram (General) The unit typically uses a socket-mount (plug-in) base. The wiring logic follows this pattern: ```text Input (Potentiometer) Power Supply Output [1] --- CW [7] --- +24V [4] --- + (4-20mA) [2] --- Wiper [8] --- 0V [5] --- - (Common) [3] --- CCW ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 2-wire and 3-wire potentiometer transmitter?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ Can this unit be used with a 100k ohm potentiometer?