전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-AD-R

  • AI
    The **M2AMS-AD-R** is an industrial-grade **Signal Conditioner/Transmitter** from the M2 Series, manufactured by M-System (now MG CO., LTD.). It is primarily used to convert DC input signals into isolated standard process signals. --- ### 1. Key Technical Specifications The "AD" suffix in the model name identifies the specific configuration for DC input and output ranges. | Feature | Specification | | :--- | :--- | | **Input Signal** | DC Current or Voltage (Standard 4–20mA, 1–5V, etc.) | | **Output Signal** | DC Current or Voltage (Dual outputs often available) | | **Power Input** | 100 – 240V AC (Standard R-type power) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | --- ### 2. Internal Electronic Components & Construction The device consists of several critical electronic stages to ensure signal integrity in noisy industrial environments: * **Signal Conditioning Front-End:** Uses high-precision operational amplifiers (Op-Amps) to scale the incoming DC signal while maintaining linearity. * **Galvanic Isolation Circuitry:** Utilizes either optical isolators (optocouplers) or magnetic transformers. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. * **Power Supply Module:** A switching mode power supply (SMPS) or internal regulated transformer that converts the AC mains power into stable DC rails for the internal circuitry. * **Zero/Span Adjustments:** Accessible potentiometers on the front panel allow for manual calibration to compensate for sensor drift or line resistance. --- ### 3. Application & Wiring The M2AMS-AD-R is typically mounted on a **DIN rail** and is used in process control loops where a sensor signal needs to be "cleaned," amplified, or split. #### Typical Wiring Diagram Logic: ```text [FIELD DEVICE] ----> (Input Terminals 5 & 6) [AC POWER] ----> (Power Terminals 7 & 8) [PLC / DISPLAY] <---- (Output Terminals 1 & 2) ``` --- ### 4. Features of the "R" Suffix The **-R** designation specifically refers to the power source requirement: * **R:** 100V – 240V AC (Universal AC power). * *Note: Other versions like -M (24V DC) or -P (110V DC) exist for different infrastructure requirements.* ---
    ✨ Follow-up Questions
    • ⤷ What are the specific terminal pin assignments for the M2AMS-AD-R?
    • ⤷ Can this model support dual independent outputs?
    • ⤷ How do I perform a Zero/Span calibration on this unit?