전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-BB-R/CE

  • AI
    The **M2AMS-BB-R/CE** is a specific model within the **M2AMS series** of ultra-miniature, plug-in signal conditioners (transmitters) manufactured by **M-System**. --- ## 1. Core Functionality The M2AMS is an **AC Current Transmitter**. Its primary electronic purpose is to detect an alternating current (AC) signal and convert it into a standardized DC signal (voltage or current) that can be read by a PLC, DCS, or SCADA system. ### Model Breakdown: | Code Segment | Meaning | | :--- | :--- | | **M2AMS** | Series Name: Ultra-miniature AC Current Transmitter | | **-B** | Input: 0 – 1 A AC | | **-B** | Output: 2 – 10 V DC | | **-R** | Power Input: 24 V DC | | **-CE** | Certification: CE marking (European Compliance) | --- ## 2. Technical Specifications The electronics are designed for high-density mounting and industrial-grade reliability. | Feature | Specification | | :--- | :--- | | **Input Impedance** | Approx. 0.1 $\Omega$ | | **Input Frequency** | 40 Hz to 1 kHz (Sine wave) | | **Load Resistance** | Output must be $\ge$ 4000 $\Omega$ | | **Accuracy** | $\pm$0.3% of span | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ## 3. Key Electronic Components & Internal Workflow The internal circuitry follows a specific signal chain to ensure precision and safety: ### A. Input Stage (Current Transformer) The device includes an internal sensing resistor or a small current transformer that handles the **0-1A AC** input. This stage steps down the current into a low-voltage AC signal proportional to the input. ### B. Rectification & Filtering Since the input is AC and the output is DC, the internal electronics utilize a **Mean Value Analysis** circuit. It rectifies the AC signal and filters it to create a smooth DC representation of the RMS value. ### C. Isolation Barrier This is a critical electronic safety feature. It uses **Optical or Magnetic Coupling** to separate the input, output, and power circuits. This prevents ground loops and protects the PLC/DCS from high-voltage surges on the input side. ### D. Output Scaling (Operational Amplifiers) The signal is passed through an instrumentation amplifier (Op-Amp) configured to scale the signal to the **2–10 V DC** range. Zero and Span adjustments (potentiometers) are accessible on the front of the unit to fine-tune the output. --- ## 4. Connection Diagram (Standard Pinout) The unit uses an 8-pin base socket for easy maintenance. ```text PIN | Function ----|------------------ 1 | Input (AC) U 2 | Input (AC) V 3 | Output (+) 4 | Output (-) 7 | Power (24V DC +) 8 | Power (24V DC -) ```
    ✨ Follow-up Questions
    • ⤷ What is the response time for the M2AMS series in milliseconds?
    • ⤷ Can this unit handle non-sinusoidal waveforms or distorted AC signals?
    • ⤷ What is the recommended mounting environment for the 'Ultra-miniature' form factor?