M2AMS-CC-R/UL
AI

The **M2AMS-CC-R/UL** is a high-performance, precision electronic transducer typically used for measuring alternating current (AC). It is part of a specialized series often utilized in industrial automation, power monitoring, and control systems.
---
### 1. Component Overview
The device is an **AC Current Transducer** designed to convert an input AC signal into a standard DC output signal (such as 4-20mA or 0-10V) that can be easily read by a PLC (Programmable Logic Controller) or a digital display.
### 2. Key Specifications
| Feature | Details |
|:---|:---|
| **Primary Function** | AC Current to DC Output Signal Conversion |
| **Input Type** | Sinusoidal AC Current |
| **Isolation** | High galvanic isolation between input and output |
| **Mounting** | Typically DIN-rail mountable for industrial cabinets |
| **Safety Standard** | **UL** (Underwriters Laboratories) recognized for safety compliance |
| **RoHS Compliance** | **R** designation usually indicates RoHS (Restriction of Hazardous Substances) compliance |
---
### 3. Electronic Architecture
The internal circuitry of the M2AMS series generally consists of four main stages:
1. **Input Sensing Stage:** Uses a precision current transformer or a shunt resistor to safely sample the high-voltage AC line.
2. **Signal Conditioning:** Employs operational amplifiers (Op-Amps) to filter noise and scale the AC waveform.
3. **RMS-to-DC Converter:** Converts the oscillating AC signal into a steady DC voltage proportional to the Root Mean Square (RMS) value of the input.
4. **Output Buffer:** A current-loop driver (often 4-20mA) or voltage driver that ensures the signal can travel over long cables without significant loss or interference.
### 4. Typical Applications
* **Motor Load Monitoring:** Tracking the health of industrial motors by measuring current draw.
* **Power Management:** Integrating energy usage data into SCADA systems.
* **Safety Interlocks:** Detecting over-current conditions to trigger emergency shutdowns.
---
### 5. Wiring Configuration
While specific pinouts depend on the exact model revision, the standard connection logic is as follows:
```text
[ AC Source ] ----> ( Terminals 1 & 2: AC Input )
( Terminals 3 & 4: Auxiliary Power )
[ PLC / Meter ] <---- ( Terminals 5 & 6: DC Output Signal )
```
- ⤷
What is the specific input current range for the M2AMS-CC-R/UL?
- ⤷ Does this model support True RMS measurement for non-sinusoidal waves?
- ⤷ What is the standard auxiliary power voltage required for this unit?