전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-CC-R2/N

  • AI
    The **M2AMS-CC-R2/N** is a specialized electronic component, typically identified as a **high-precision signal conditioner or isolation amplifier** often used in industrial automation, power monitoring, and telemetry systems. Below is a detailed breakdown of its technical characteristics and internal electronic structure. --- ### 1. General Specifications The device is designed to convert and isolate analog signals, ensuring that high-voltage or noisy industrial environments do not damage sensitive control equipment like PLCs (Programmable Logic Controllers). | Feature | Description | | :--- | :--- | | **Component Type** | Isolated Analog Signal Conditioner | | **Input Type** | DC Current or Voltage (Model specific) | | **Output Type** | DC Current or Voltage (Configurable) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Mounting** | DIN Rail (Standard industrial housing) | --- ### 2. Core Electronic Architecture The internal circuitry of the M2AMS series is divided into three primary functional blocks: #### A. Input Stage * **Protection Circuitry:** Contains TVS (Transient Voltage Suppressors) and filtering capacitors to handle electromagnetic interference (EMI). * **Precision Resistors:** Uses high-stability, low-drift resistors to convert input current to a proportional voltage for processing. #### B. Isolation Barrier * **Magnetic/Optical Isolation:** Employs high-speed optocouplers or magnetic transformers to pass the signal across a physical air gap or dielectric. This prevents ground loops and protects against surges up to several kilovolts (kV). * **DC/DC Converter:** An internal transformer-based power supply provides isolated power to the input and output stages independently. #### C. Output & Scaling * **Operational Amplifiers (Op-Amps):** Low-noise precision op-amps scale the signal to the desired output range (e.g., 4-20mA or 0-10V). * **Zero/Span Adjustment:** Potentiometers or digital trim circuits allow for calibration to ensure the output matches the input with high linearity. --- ### 3. Part Number Suffix Breakdown While part numbering conventions vary slightly by manufacturer (often M-System or similar brands), the suffixes typically represent: * **CC:** Often indicates a Current-to-Current configuration (e.g., 4-20mA Input to 4-20mA Output). * **R2:** Usually refers to the Power Supply requirement (often 100-240V AC or 24V DC depending on the manufacturer's logic). * **/N:** Often signifies a specific compliance or a "No-Option" standard configuration. --- ### 4. Technical Summary Table | Parameter | Typical Value | | :--- | :--- | | **Accuracy** | ±0.1% of span | | **Response Time** | < 0.5 seconds | | **Isolation Strength** | 2000V AC @ 1 minute | | **Operating Temp** | -5°C to +55°C | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input and output range for the 'CC' variant of this model?
    • ⤷ How do you calibrate the zero and span settings on the M2AMS module?
    • ⤷ What are the power supply requirements for the R2 version?