전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-DA-R2/

  • AI
    The **M2AMS-DA-R2** is an industrial-grade signal conditioner/converter module, typically manufactured by companies like **M-System**. It is part of the M2 series, designed for DIN-rail mounting and high-density installation in automation panels. Below is an explanation of its electronic components, specifications, and functions. --- ### 1. Functional Overview The primary purpose of this device is to take a specific analog input signal (usually current or voltage) and convert it into a galvanically isolated analog output. ### 2. Electronic Specifications | Feature | Description | | :--- | :--- | | **Model Type** | Analog Input/Output Signal Conditioner | | **Power Input** | Typically 24V DC (Model dependent: R suffix denotes 24V DC) | | **Input Signal** | DC Current or DC Voltage (Configurable) | | **Output Signal** | DC Current or DC Voltage (Isolated) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail (M2 series base) | ### 3. Key Electronic Subsystems #### A. Input Stage * **A/D Converter:** If the model is microprocessor-based, it uses an Analog-to-Digital converter to sample the incoming 4-20mA or 0-10V signal. * **Protection:** Includes surge protection and filtering to eliminate high-frequency noise from industrial environments. #### B. Isolation Barrier * **Optocouplers or Transformers:** Uses magnetic or optical isolation to ensure that electrical faults on the field side do not damage the PLC or DCS (Control side). * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute. #### C. Output Stage * **D/A Converter:** Converts the processed digital signal back into a linear analog signal. * **Operational Amplifiers (Op-Amps):** Used to scale the output to precise ranges (e.g., 1-5V DC or 4-20mA DC). #### D. Power Supply Unit * **DC-DC Converter:** Converts the 24V DC input into internal regulated voltages (e.g., ±15V or 5V) required to run the internal circuitry. --- ### 4. Technical Diagram Concept ```mermaid graph LR A[Field Sensor] --> B(Input Terminal) B --> C{Isolation Barrier} C --> D(Output Terminal) D --> E[PLC/Controller] F[24V DC Power] --> C ``` ### 5. Summary of Suffixes * **M2AMS**: Series identifier (Plug-in Signal Conditioner). * **DA**: Specific function code (often associated with Digital-to-Analog or specific signal types). * **R2**: Usually indicates the power requirement (R = 24V DC) and the revision/design version. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the M2AMS-DA-R2?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this module?
    • ⤷ Can this module be used to convert 4-20mA to 0-10V signals?