전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS-DA-R2/N

  • AI
    The **M2AMS-DA-R2/N** is a precision analog output module typically used in industrial automation and signal conditioning, often manufactured by companies like **M-System**. It is designed to convert digital or pulse signals into high-resolution analog signals. --- ### 1. Key Technical Specifications The "electronic parts" or core architecture of this device revolves around signal isolation and digital-to-analog conversion. | Component/Feature | Description | | :--- | :--- | | **Input Type** | Remote I/O or Digital Pulse (varies by sub-configuration) | | **Output Type** | DC Voltage or Current (e.g., 4–20mA, 0–10V) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Power Input** | 24V DC or 100-240V AC (model dependent) | | **A/D Resolution** | Usually 12-bit to 16-bit processing | | **Mounting** | DIN Rail or Plug-in Base | --- ### 2. Functional Electronic Sections #### A. Isolation Barrier The module uses **optical isolators** (optocouplers) or **magnetic transformers** to separate the input, output, and power supply. This prevents ground loops and protects sensitive control equipment from high-voltage surges in the field. #### B. Digital-to-Analog (D/A) Converter At the heart of the "DA" designation is a D/A converter IC. This component takes a digital value (sent via a communication bus or internal logic) and converts it into a discrete voltage level. #### C. Output Scaling & Buffering The raw signal from the D/A converter is processed through **Operational Amplifiers (Op-Amps)**. These components: * Scale the signal to the desired range (e.g., 0–5V to 4–20mA). * Provide low output impedance to drive long cables or heavy loads without signal degradation. #### D. Power Regulation Internal **DC-DC converters** ensure that the internal logic operates on a stable voltage, regardless of fluctuations in the main power supply line. --- ### 3. Model Suffix Breakdown (R2/N) * **R2:** Typically indicates the power supply requirement (e.g., 24V DC). * **N:** Often indicates a specific output characteristic or the absence of a specific optional feature (like a local display). --- ### 4. Typical Wiring Diagram (Logic) ```mermaid graph LR A[Power Input] --> B[Internal DC/DC Converter] C[Digital Input Signal] --> D[Isolation Barrier] D --> E[D/A Converter] E --> F[Output Op-Amp] F --> G[Analog Output 4-20mA/0-10V] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported for the 4-20mA output on this model?
    • ⤷ Does the M2AMS series support HART communication protocols?
    • ⤷ What are the specific isolation voltage ratings between the input and output?