전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-152-R2/CE

  • AI
    The **M2AMS2-152-R2/CE** is a high-performance **Magnetic Incremental Encoder System** (often referred to as a magnetic scale or linear encoder) manufactured by **Magnescale** (formerly Sony Precision Technology). This device is primarily used in industrial automation and CNC machinery to measure linear displacement with high precision using magnetic principles. --- ### 1. Core Technical Specifications The following table highlights the primary electronic and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Detection Principle** | Magnetic Induction (Incremental) | | **Output Signal** | A/B Phase Quadrature (TTL/RS-422 line driver) | | **Resolution** | Typically 0.5 μm to 10 μm (depending on interpolation) | | **Accuracy** | ± (5 + 5L/1000) μm | | **Power Supply** | DC 5V ± 5% | | **Max Response Speed** | Up to 200 m/min (varies by resolution) | | **Protection Class** | IP67 (High resistance to oil, dust, and water) | | **Operating Temp** | 0°C to 45°C | --- ### 2. Major Electronic Components & Subsystems #### A. Magnetic Multi-Gap Sensor Unlike optical encoders that use glass scales, this part uses a **MR (Magneto-Resistive)** sensor head. - **Function:** It detects fluctuations in the magnetic field generated by the magnetic scale (the rod or tape). - **Benefit:** It is immune to condensation, oil, and coolant, which typically cause optical sensors to fail. #### B. Signal Processing Circuitry (Interpolation) The "R2" designation often refers to specific cable or resolution configurations. The internal electronics perform **interpolation**: - The raw analog sine/cosine signals from the magnetic head are converted into digital square waves. - **Line Driver:** It utilizes a differential line driver (RS-422 compliant) to ensure signal integrity over long cable runs by canceling out electromagnetic interference (EMI). #### C. Connector and Wiring The system typically features a high-flex cable designed for continuous movement in cable carriers (drag chains). - **Phase A/B:** For position and direction. - **Phase Z:** The reference mark (index pulse) for "homing" the machine. --- ### 3. Application Use Cases Because of its "CE" marking, it meets European safety and EMC (Electromagnetic Compatibility) standards, making it suitable for: * **Metalworking:** Lathes, milling machines, and grinders. * **Automation:** Linear actuators and pick-and-place robots. * **Harsh Environments:** Woodworking or stone cutting where dust and moisture are prevalent. --- ### 4. Comparison: Magnetic vs. Optical | Feature | Magnetic (M2AMS2) | Optical Encoders | | :--- | :--- | :--- | | **Durability** | Extremely High (IP67) | Moderate (Sensitive to dirt) | | **Accuracy** | High | Very High | | **Mounting** | Flexible/Easy | Strict alignment required |
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the RS-422 output on this model?
    • ⤷ How does the 'CE' certification impact the electrical installation requirements?
    • ⤷ What is the compatible magnetic scale part number for this specific reader head?