전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-152-R2/Q

  • AI
    The **M2AMS2-152-R2/Q** is a specialized high-performance RF (Radio Frequency) component, typically categorized as a **Surface Mount (SMT) Low Pass Filter** or a **Coupler/Splitter** module used in telecommunications infrastructure. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications These parameters define how the component handles electrical signals within a circuit. | Parameter | Typical Value / Description | | :--- | :--- | | **Frequency Range** | Usually optimized for sub-6GHz or specific microwave bands (e.g., 1.5 GHz center). | | **Impedance** | 50 Ohms (Standard RF normalization). | | **Package Type** | Surface Mount Device (SMD/SMT). | | **Configuration** | Differential or Single-ended depending on the specific sub-variant. | | **Material** | Ceramic or LTCC (Low Temperature Co-fired Ceramic). | --- ## 2. Key Electronic Features ### A. Low Insertion Loss The internal circuitry is designed to ensure minimal signal strength is lost as the frequency passes through the component. This is critical for maintaining the **Signal-to-Noise Ratio (SNR)** in receiver chains. ### B. High Rejection / Selectivity As a filter/module, it effectively suppresses unwanted harmonics and out-of-band interference. The "152" designation often refers to a specific frequency pole or cut-off characteristic (e.g., 1500 MHz). ### C. Thermal Stability The "R2/Q" suffix usually denotes a specific revision or quality grade. These parts are designed to maintain their electrical properties (capacitance, inductance) even as the device heats up during operation. --- ## 3. Component Architecture Internally, the part typically consists of a network of passive elements: * **Inductors (L):** High-Q micro-coils or etched traces. * **Capacitors (C):** Integrated ceramic layers. * **Terminations:** Precision-matched ports to prevent signal reflection (VSWR). --- ## 4. Typical Applications This component is found in high-reliability electronic assemblies, including: 1. **5G Base Stations:** Filtering signals between the power amplifier and the antenna. 2. **Satellite Communications:** Intermediate Frequency (IF) processing. 3. **Radar Systems:** Signal conditioning for pulse detection. 4. **IoT Gateways:** Managing multi-band interference in dense environments. --- ## 5. Circuit Implementation Example When integrating this part into a PCB layout, developers must follow strict RF design rules: ```c // Design Constraints for RF Layout 1. Maintain 50-ohm trace width to the pads. 2. Use multiple ground vias to reduce parasitic inductance. 3. Keep the component away from high-speed digital lines to avoid EMI coupling. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact cutoff frequency for the 152 variant of this series?
    • ⤷ How does the 'Q' suffix impact the component's qualification for automotive or industrial use?
    • ⤷ What are the recommended soldering profiles for this SMT package?