전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-16B-R2

  • AI
    The **M2AMS2-16B-R2** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Magnetic Buzzer** or an audio transducer. These parts are designed to provide acoustic feedback (beeps or tones) in compact electronic devices. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The "16B" in the part number often refers to the physical size or specific frequency tuning of the internal diaphragm. | Feature | Typical Specification | Description | | :--- | :--- | :--- | | **Type** | Magnetic Transducer | Requires an external drive circuit (oscillator). | | **Operating Voltage** | 1.5V - 5.0V DC | Usually optimized for 3V or 5V logic. | | **Rated Current** | Max 80mA - 100mA | High current draw compared to piezo elements. | | **Resonant Frequency** | ~2300Hz - 2700Hz | The frequency where sound output is loudest. | | **Sound Pressure Level** | 85dB @ 10cm | Standard volume for indicator beeps. | | **Mounting Type** | SMD / SMT | Designed for automated pick-and-place assembly. | --- ### 2. Internal Components & Mechanism Unlike a "Piezo" buzzer which uses ceramic expansion, a **Magnetic Buzzer** (like the M2AMS2 series) consists of: * **Voice Coil:** A small copper winding that generates a magnetic field when current passes through. * **Permanent Magnet:** Provides a static magnetic field. * **Vibrating Diaphragm:** A flexible metal disk that is pulled and released by the electromagnetic field to move air and create sound waves. * **Housing:** A heat-resistant plastic (usually LCP) capable of withstanding reflow soldering temperatures. --- ### 3. Application Circuitry Since this is a **transducer** (not an indicator), it does not beep just by applying DC voltage. It requires an alternating signal (PWM) to function. ```python # Conceptual Arduino/Microcontroller Drive Code import machine import utime buzzer = machine.PWM(machine.Pin(15)) buzzer.freq(2500) # Set to resonant frequency buzzer.duty_u16(32768) # 50% Duty Cycle utime.sleep(1) buzzer.deinit() ``` > **Note:** Because magnetic buzzers have low impedance, they should be driven via a **transistor (NPN or MOSFET)** rather than directly from a microcontroller pin to avoid drawing too much current. --- ### 4. Comparison: Magnetic vs. Piezo | Feature | Magnetic (M2AMS2) | Piezoelectric | | :--- | :--- | :--- | | **Size** | Smaller / Lower profile | Larger / Wider | | **Voltage** | Low (1.5V - 5V) | High (3V - 30V) | | **Current** | High (80mA+) | Low (<10mA) | | **Sound Quality** | Better for low frequencies | Better for high-pitched chirps |
    ✨ Follow-up Questions
    • ⤷ What is the difference between an 'indicator' buzzer and a 'transducer' buzzer like this one?
    • ⤷ How do I calculate the flyback diode needed for this magnetic buzzer circuit?
    • ⤷ What are the specific reflow soldering temperature limits for the R2 version?