전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-16D-R/CE

  • AI
    Based on the technical nomenclature provided, the **M2AMS2-16D-R/CE** is a specialized industrial networking or telecommunications module, typically associated with Managed Ethernet Switches or Digital I/O communication modules. Below is a breakdown of the electronic specifications and component architecture for this type of device. --- ### 1. General Specifications This device is designed for industrial environments, prioritizing high reliability, electromagnetic compatibility (EMC), and diagnostic capabilities. | Feature | Specification | | :--- | :--- | | **Input Channels** | 16 Digital Inputs/Channels | | **Logic Type** | Digital (D) / Discrete | | **Voltage Range** | Typically 24V DC (Standard Industrial Logic) | | **Configuration** | Managed (M2) with Redundancy (R) | | **Certifications** | CE Marked (European Conformity) | --- ### 2. Core Electronic Components The internal PCB (Printed Circuit Board) typically consists of several functional layers: #### A. Microcontroller & Processing Unit * **MCU/FPGA:** Handles the "Managed" (M2) aspect of the device. It processes signal filtering, timing, and communication protocols (like Modbus/TCP, PROFINET, or EtherNet/IP). * **Memory:** Flash memory for firmware storage and RAM for real-time data buffering. #### B. Isolation & Protection (The "R/CE" aspect) * **Optocouplers:** Provides galvanic isolation between the field inputs and the internal logic to prevent surge damage. * **TVS Diodes:** Transient Voltage Suppression diodes protect the circuits against ESD (Electrostatic Discharge) and lightning strikes. * **Reverse Polarity Protection:** Prevents damage if the power supply leads are swapped. #### C. Connectivity & PHY * **Ethernet PHY:** If used as a networking module, it contains Physical Layer chips to handle high-speed data transmission. * **LED Indicators:** Surface-mount LEDs provide visual diagnostics for power status, link activity, and channel errors. --- ### 3. Functional Architecture The part number suggests a specific modular hierarchy: 1. **M2:** Refers to the "Series 2" Management layer. 2. **AMS:** Often refers to "Advanced Management System" or a specific form factor/mounting style. 3. **16D:** Indicates **16 Digital** points or ports. 4. **R:** Indicates **Redundancy** (Dual power inputs or ring topology support) or a **Relay** output variant. 5. **CE:** Compliance with European safety, health, and environmental protection standards. --- ### 4. Application Environment These parts are commonly found in: * **PLC Expansion Racks:** Providing additional I/O to a programmable logic controller. * **SCADA Systems:** Relaying sensor data from the factory floor to a central server. * **Energy Management:** Monitoring circuit breakers or power status indicators.
    ✨ Follow-up Questions
    • ⤷ Is this part a standalone switch or a module for a specific PLC rack?
    • ⤷ What are the specific wiring requirements for the 16D input channels?
    • ⤷ Does this model support Power over Ethernet (PoE) functionality?