전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-16D-R2/Q

  • AI
    Based on the part number **M2AMS2-16D-R2/Q**, this component belongs to a series of industrial-grade **M12 Connectors/Adapters**, typically manufactured by companies like **TE Connectivity** or **ERNI** (now part of TE). These parts are primarily used in automation, sensor integration, and industrial Ethernet applications. --- ## Technical Specifications & Breakdown The alphanumeric code provides specific details regarding its mechanical and electrical construction: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | M12 | Standard circular connector size (12mm thread). | | **Pin Count** | 16-Pin | High-density signal transmission. | | **Gender/Type** | D-Coded | Historically for 100Mbps Ethernet, but in 16-pin variants, it often refers to custom signal layouts. | | **Mounting** | R2 (Right Angle) | The pins/leads are oriented at 90 degrees for space-saving PCB mounting. | | **Shielding** | Fully Shielded | Protected against Electromagnetic Interference (EMI). | | **Termination** | Through-Hole (THT) | The "Q" often designates a specific PCB lead length or tray packaging. | --- ## Key Electronic Characteristics ### 1. Signal Integrity With **16 pins** packed into an M12 footprint, these connectors are designed for high-density data acquisition. They feature gold-plated contacts to ensure low contact resistance and prevent oxidation in harsh environments. ### 2. Environmental Protection These parts are typically rated **IP67 or IP68**. - **Waterproof:** Can be submerged (usually up to 1m). - **Dust-tight:** Total protection against ingress of solid particles. ### 3. Electrical Ratings * **Voltage Rating:** Usually 30V - 60V AC/DC (limited by high pin density). * **Current Rating:** Approximately 1A to 1.5A per contact. * **Dielectric Withstanding Voltage:** Typically 500V - 1000V. --- ## Common Applications * **Robotics:** Used in robotic arms where space is limited but many sensor signals must pass through a single joint. * **Machine Vision:** Connecting high-resolution cameras to industrial controllers. * **PLCs:** Interfacing Programmable Logic Controllers with complex sensor arrays. --- ## Comparative Table: M12 Pin Layouts | Type | Pin Count | Common Usage | | :--- | :--- | :--- | | A-Coded | 3, 4, 5, 8, 12 | Sensors, DC Power, Actuators | | B-Coded | 5 | Profibus, Interbus | | D-Coded | 4 | 100 Mbit Ethernet | | **High Density** | **12, 16, 17** | **Complex Multi-Signal / Proprietary Data** |
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M2AMS2-16D-R2/Q?
    • ⤷ Is this connector compatible with standard A-coded M12 cables?
    • ⤷ What are the specific soldering temperature requirements for the THT leads?