전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-1B-R

  • AI
    The **M2AMS2-1B-R** is a specific electronic component belonging to the family of **Miniature Power Relays**, typically manufactured by companies like **Goodsky** or other industrial relay suppliers. These components are used to control a high-voltage circuit with a low-voltage signal. --- ### 1. Key Technical Specifications Below is a breakdown of the typical parameters for this relay model: | Parameter | Specification | | :--- | :--- | | **Coil Voltage** | 12V DC (Standard for '1' or 'B' variants) | | **Contact Form** | 1 Form A (Single Pole Single Throw - Normally Open) | | **Current Rating** | Typically 5A to 10A | | **Mounting Type** | Through-Hole (PCB Mount) | | **Coil Sensitivity** | Standard Sensitivity (approx. 200mW - 450mW) | | **Termination** | Solder Pins | --- ### 2. Part Number Breakdown The alphanumeric code provides specific details about the part's construction: * **M2A**: Series designation (Miniature Power Relay). * **M**: Often denotes "Miniature" or "Molded" construction. * **S**: Sealing type (Sealed or Wash-tight construction). * **2**: Number of poles (or specific contact arrangement). * **1B**: Specifically refers to the Coil Voltage (often 12V or 24V depending on the manufacturer's logic) and Contact Material. * **R**: RoHS Compliance (indicating the part is lead-free). --- ### 3. Internal Components As an electromechanical relay, it consists of the following internal electronic parts: 1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when energized. 2. **Armature:** The moving part that is attracted by the magnetic field. 3. **Spring:** Returns the armature to the original position when power is removed. 4. **Contacts:** Usually made of Silver Alloy (AgSnO2 or AgNi) to resist arcing and welding during high-current switching. 5. **Yoke/Core:** Ferromagnetic material that concentrates the magnetic flux. --- ### 4. Typical Applications * **Home Appliances:** Control circuits for air conditioners, heaters, and washing machines. * **Industrial Controls:** Interfacing between a PLC (Programmable Logic Controller) and a motor or solenoid. * **Security Systems:** Activating alarms or magnetic door locks. * **Power Supplies:** Used for inrush current protection or output switching. --- ### 5. Wiring Schematic (Simplified) ```text (Coil Pins) (Contact Pins) [ Pin 1 ] [ Pin 3 ] | | (---OOO---) (---/ ---) <-- Normally Open | | [ Pin 2 ] [ Pin 4 ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage supported by the M2AMS2 series?
    • ⤷ How does a '1 Form A' contact configuration differ from '1 Form C'?
    • ⤷ Are there specific flyback diode recommendations for this relay?