M2AMS2-1B-R/N
AI

The **M2AMS2-1B-R/N** is a specific electronic component belonging to the **electromechanical switch** category. Specifically, it is a high-quality, miniature toggle switch often used in industrial and telecommunications applications.
Below is a detailed breakdown of its technical specifications and features.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Switch Function** | On-On |
| **Contact Rating** | 5A @ 120VAC / 28VDC; 2A @ 250VAC |
| **Mounting Type** | Right Angle, Through-Hole (PCB Mount) |
| **Actuator Style** | Standard Round Lever |
| **Contact Material** | Gold or Silver Plating (suffix dependent) |
| **Operating Temp** | -30°C to +85°C |
---
### Part Number Breakdown
While manufacturer codes vary slightly, the "M2A" series generally follows this logic:
* **M2A:** Series identifier (Miniature Toggle Switch).
* **MS2:** Sub-category defining the specific physical dimensions and sealing.
* **1B:** Represents the SPDT (Single Pole Double Throw) configuration with specific terminal spacing.
* **R/N:**
* **R:** Usually indicates the terminal orientation (Right Angle).
* **N:** Often refers to specific finishes or RoHS compliance markers.
---
### Key Internal Components
The switch is comprised of several critical electronic and mechanical parts:
1. **Actuator (Lever):** The physical handle used to toggle the switch. Usually made of chrome-plated brass for durability.
2. **Bushing:** The threaded or smooth neck that secures the actuator to the body.
3. **Housing (Case):** Made of Diallyl Phthalate (DAP), a high-strength, heat-resistant plastic that ensures electrical insulation.
4. **Contacts/Terminals:** These are the conductive paths. In this specific model, they are designed for PCB insertion at a 90-degree angle (Right Angle).
5. **Internal Spring Mechanism:** Provides the tactile "click" and ensures a firm electrical connection between the common pin and the selected output pin.
---
### Applications
* **Telecommunications:** Network servers and switching equipment.
* **Instrumentation:** Control panels and test equipment.
* **Medical Equipment:** Interface controls for diagnostic devices.
* **Industrial Controls:** Manual override switches on PCBs.
- ⤷
What is the difference between SPDT and DPDT in toggle switches?
- ⤷ How does the contact plating (Gold vs Silver) affect the electrical performance?
- ⤷ Can this switch be used for high-current applications above 5A?