M2AMS2-23-R2/CE
AI

The **M2AMS2-23-R2/CE** is a specific model of an **Active Magnetic Sensor** (often referred to as a magnetic pickup or speed sensor) commonly used in industrial automation, engine monitoring, and motion control.
Below is a breakdown of its electronic characteristics and specifications.
---
## 1. Device Overview
This sensor is designed to detect the movement of ferromagnetic objects (like gear teeth or a tone wheel) without physical contact. Unlike passive sensors, "Active" sensors like this one contain internal signal processing circuitry.
| Feature | Description |
| :--- | :--- |
| **Sensor Type** | Active Magnetic Pickup (Hall Effect or Differential Variable Reluctance) |
| **Output Type** | Push-Pull or Open Collector (typically Square Wave) |
| **Connection** | M12 Connector or Lead Wires (depending on sub-variant) |
| **Housing** | Stainless Steel (Threaded) |
---
## 2. Key Electronic Components & Operation
### A. Internal Circuitry
Unlike a simple coil, the **R2/CE** designation implies integrated electronics that include:
* **Voltage Regulator:** Allows the sensor to operate over a wide DC input range (typically 10-30V DC).
* **Schmitt Trigger:** Converts the raw analog magnetic flux into a clean, digital square wave signal, eliminating noise.
* **Amplifier:** Boosts the signal to ensure it can be transmitted over long cable lengths without degradation.
### B. Electrical Specifications
While specific data can vary by the manufacturer (often associated with brands like *Loggers* or *Dynalco*), the general specs for this series are:
| Parameter | Typical Value |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 10 – 30 VDC |
| **Current Consumption** | < 20 mA |
| **Frequency Range** | 0 Hz to 20 kHz (Zero-speed capable) |
| **Output Signal** | Square Wave (V_high ≈ Vcc, V_low < 1V) |
| **Operating Temperature** | -40°C to +85°C |
---
## 3. Wiring Configuration
The "CE" marking indicates compliance with European safety and EMC standards. The electronic interface usually follows this standard 3-wire logic:
```mermaid
graph LR
A[Brown: V+] --- B(Sensor)
C[Blue: 0V/GND] --- B
D[Black: Signal Out] --- B
```
1. **Brown (Pin 1):** Positive Power Supply (+DC).
2. **Blue (Pin 3):** Ground (0V).
3. **Black (Pin 4):** Signal Output (Frequency/Pulse).
---
## 4. Application Logic
The sensor electronics detect a change in the magnetic field when a metal tooth passes the sensor tip.
* **Approaching Tooth:** The internal magnetic field is distorted; the Schmitt trigger flips the output state.
* **Passing Gap:** The field resets; the output state returns to the original value.
* **Result:** The output frequency is directly proportional to the RPM (Rotations Per Minute) of the target.
---
- ⤷
What is the maximum sensing distance for the M2AMS2-23-R2/CE?
- ⤷ How does this active sensor differ from a passive magnetic pickup (MPU)?
- ⤷ What are the mounting torque specifications for the threaded housing?