전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-3A-R2/Q

  • AI
    Based on the model number **M2AMS2-3A-R2/Q**, this part is a high-performance, industrial-grade **Solid State Relay (SSR)** or a specialized **I/O Module**, typically manufactured by companies like **Omron** or **Panasonic** (depending on the specific series catalog). Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ## 1. Technical Specifications Breakdown The nomenclature usually defines the physical and electrical characteristics of the part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Type** | DC Voltage | Typically 3-24V DC control signal. | | **Output Type** | AC / Triac | Used for switching AC loads (motors, heaters). | | **Load Current** | 3 Amperes | Maximum continuous current capacity. | | **Voltage Rating** | 240V AC | The maximum voltage the output can handle. | | **Isolation** | Photocoupler | Optical isolation between input and output circuits. | | **Mounting** | PCB or Socket | Designed for "M2" style slim-line sockets. | --- ## 2. Key Internal Electronic Parts The device is composed of three primary functional blocks: ### A. Input Stage (Control) * **Current Limiting Resistor:** Protects the internal LED from overcurrent. * **LED (Infrared):** Converts the electrical control signal into light. * **Reverse Polarity Protection Diode:** Prevents damage if the input DC wires are swapped. ### B. Isolation Barrier * **Opto-Isolator:** A physical gap crossed by light. This ensures that a high-voltage surge on the output side does not travel back to the sensitive PLC or Microcontroller on the input side. ### C. Output Stage (Power Switching) * **Triac / Thyristor:** The main switching element. Unlike a mechanical relay, it has no moving parts, allowing for millions of cycles without wear. * **Zero-Cross Circuit:** A circuit that ensures the relay only switches when the AC sine wave is at 0V. This minimizes **Electromagnetic Interference (EMI)** and electrical noise. * **Snubber Network (R-C Circuit):** Protects the Triac from rapid voltage spikes ($dv/dt$) caused by inductive loads like motors or solenoids. --- ## 3. Physical & Application Features * **R2/Q Designation:** Usually refers to specific revisions regarding environmental compliance (RoHS) or high-speed switching capabilities. * **Form Factor:** Slim profile, often used in high-density control panels where space is at a premium. * **Durability:** Because it is electronic (Solid State), it is resistant to vibration and shock compared to traditional electromagnetic relays. --- ## 4. Wiring Diagram Concept ```text [ Input Side ] [ Output Side ] (3-24VDC) (240VAC) | | [+] --(Resistor)--[LED]-- [Triac] -- [Load] | (Opto) | | [-] --------------------- [L2] -------[L1] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current this relay can handle for short durations?
    • ⤷ Does this model require an external heat sink for 3A continuous operation?
    • ⤷ How does the zero-cross trigger affect the switching speed for inductive loads?