전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-A1-R/N

  • AI
    The **M2AMS2-A1-R/N** is a specialized electronic component, typically classified as a high-performance **Magnetic Angle Sensor IC** or a specific industrial module (often associated with brands like Renesas or Magnesensor Technology). It is designed to detect the absolute angular position of a magnet rotating above it. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Parameter | Description | | :--- | :--- | | **Sensing Technology** | Hall Effect or Anisotropic Magnetoresistive (AMR) | | **Output Type** | Analog / PWM / Digital (depending on specific configuration) | | **Resolution** | Typically 10-bit to 12-bit | | **Supply Voltage** | 3.3V to 5.0V DC | | **Operating Temperature** | Industrial Grade (-40°C to +125°C) | | **Package Type** | SOP-8 or QFN package | --- ### 2. Functional Components The internal architecture of the M2AMS2-A1-R/N generally includes: 1. **Sensor Bridge:** A series of resistors or Hall elements that change resistance based on the orientation of an external magnetic field. 2. **Gain Amplifier:** Boosts the weak signals from the bridge to a level suitable for processing. 3. **CORDIC Processor:** A digital logic block that calculates the trigonometric functions (ArcTan) to convert Sine/Cosine signals into a linear angle. 4. **Output Driver:** Converts the calculated angle into the final output signal (e.g., a voltage level or a pulse-width modulated signal). --- ### 3. Application Use Cases This part is commonly found in systems requiring contactless rotation sensing: * **Robotics:** Joint position sensing for servo motors. * **Automotive:** Steering wheel angle detection and throttle position sensors. * **Industrial Automation:** Knob/dial encoders and valve position monitoring. * **Consumer Electronics:** High-end camera gimbal stabilization. --- ### 4. Typical Implementation Circuit When integrating this part into a PCB design, the following connections are standard: ```c // Pseudo-code representation of signal flow VCC (Pin 1) -----> [3.3V Supply] GND (Pin 2) -----> [System Ground] OUT (Pin 3) -----> [Microcontroller ADC/Timers] TEST(Pin 4) -----> [Ground or NC] ``` --- ### 5. Part Number Suffix Breakdown * **-A1:** Usually denotes the hardware revision or a specific gain calibration. * **-R:** Often signifies "Tape and Reel" packaging for automated assembly. * **-N:** Can indicate specific temperature tolerances or lead-free (RoHS) compliance.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the magnet relative to the sensor?
    • ⤷ How does the PWM output frequency compare to the Analog output latency?
    • ⤷ Is there an SPI or I2C interface version available for this specific part?