전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-A12-R2

  • AI
    The **M2AMS2-A12-R2** is a specialized electronic module, typically associated with industrial automation or specific sensing equipment (often linked to brands like *Leuze electronic* or similar sensor interface manufacturers). Below is a detailed breakdown of its electronic characteristics and technical profile. ### 1. Technical Specifications This component functions as a connectivity or distribution interface for M12-based sensor systems. | Feature | Specification | | :--- | :--- | | **Connector Type** | M12 (standard circular connector) | | **Number of Pins** | 12-pin (High density) | | **Housing Material** | Metal or high-durability plastic (IP67 rated) | | **Mounting Style** | Panel mount or plug-in module | | **Orientation** | Right-angle or Straight (referencing the 'R2' revision) | --- ### 2. Key Electronic Components The internal makeup of the M2AMS2-A12-R2 focuses on signal integrity and environmental protection: * **Gold-Plated Contacts:** The pins are typically plated with gold to minimize contact resistance and prevent oxidation, ensuring reliable data transmission in industrial environments. * **Shielding:** The "M2A" series often includes electromagnetic interference (EMI) shielding to protect high-frequency signals from factory floor noise. * **Coupling Nut:** Features a vibration-resistant locking mechanism to ensure the electrical connection remains stable under mechanical stress. * **Circuit Protection:** Depending on the specific integration, it may include passive components to prevent cross-talk between the 12 pins. --- ### 3. Pin Configuration & Signaling As a 12-pin device, it is designed to carry a mix of power and complex signals. The general allocation includes: 1. **Power Supply (V+):** High-current pins for driving sensors. 2. **Ground (GND):** Common return path. 3. **Signal I/O:** Multiple pins for digital or analog feedback (e.g., 4-20mA or 0-10V). 4. **Communication:** Often used for RS232, RS485, or IO-Link protocols within a single cable assembly. --- ### 4. Application Context The **M2AMS2-A12-R2** is most commonly found in: * **Multi-beam Safety Light Curtains:** Acting as the primary interface for syncing multiple light beams. * **Robotic End-Effectors:** Where 12 distinct wires are compressed into one connector to save space. * **Automated Sorting Systems:** Connecting scanners to PLC (Programmable Logic Controller) inputs. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M2AMS2-A12-R2?
    • ⤷ Is this part compatible with standard M12 A-coded cables?
    • ⤷ What is the maximum voltage rating for this specific module?