전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-B4-R/Q

  • AI
    The **M2AMS2-B4-R/Q** is a specific part number typically associated with the **M2AMS series** of modular, high-precision signal conditioners or indicators (often manufactured by companies like **M-System**). Below is a breakdown of the electronic specifications, functional parts, and nomenclature for this device. --- ### 1. General Specifications Table | Feature | Specification | | :--- | :--- | | **Device Type** | Signal Conditioner / Potentiometer Transmitter | | **Input Type** | Potentiometer (Resistance-based input) | | **Output Type** | DC Voltage or Current (Standardized) | | **Power Input** | Typically 100 – 240V AC or 24V DC (Model dependent) | | **Isolation** | Input to output to power (3-way isolation) | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Breakdown of the Model Number (Nomenclature) The alphanumeric string defines the internal electronic configuration: | Segment | Meaning | Details | | :--- | :--- | :--- | | **M2AMS** | **Series/Base Model** | Mini-M series Potentiometer Transmitter. | | **2** | **Output Count** | Indicates a dual-output configuration (Two independent outputs). | | **B** | **Input Signal** | Standard resistance input (usually $100 \Omega$ to $10 k\Omega$). | | **4** | **Output Signal** | 0 – 10V DC (Standard voltage output). | | **R** | **Power Supply** | 24V DC Power source. | | **Q** | **Special Options** | Usually indicates custom calibration or specific certifications. | --- ### 3. Key Electronic Components The device consists of several critical internal stages to ensure signal integrity: 1. **Reference Voltage Source:** Since it measures a potentiometer, the device provides a stable reference voltage across the pot's terminals to detect the wiper position. 2. **Signal Isolation Circuit:** Uses optoisolators or magnetic transformers to separate the input loop from the output loop, preventing ground loops and protecting PLC/DCS inputs. 3. **A/D and D/A Converters:** In modern "Q" versions, the signal is often digitized for linearization before being converted back to an analog 0-10V signal. 4. **Zero/Span Adjustments:** Accessible potentiometers on the front panel (or digital trimmers) allow the user to calibrate the minimum (0%) and maximum (100%) points. --- ### 4. Connection Diagram (Standard Wiring) The wiring typically follows a standard terminal block layout: * **Terminals 1, 2, 3:** Potentiometer Input (Total Resistance and Wiper). * **Terminals 4, 5:** Output 1 (e.g., 0-10V). * **Terminals 6, 7:** Output 2 (if applicable). * **Terminals 8, 9:** Power Supply (24V DC for 'R' models). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum resistance range supported by the M2AMS series?
    • ⤷ How do I calibrate the Zero and Span for this specific model?
    • ⤷ Is this device compatible with 4-20mA output systems?