전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-C1-R2

  • AI
    Based on its technical nomenclature, the **M2AMS2-C1-R2** is a specific industrial-grade sensor or controller module, typically associated with ultrasonic sensing technology (often used in the Pepperl+Fuchs or similar industrial automation ecosystems). --- ### 1. Technical Specifications Overview The electronic components within this device are designed for high-precision distance measurement and object detection in harsh environments. | Feature | Description | | :--- | :--- | | **Transducer Type** | Piezoelectric Ultrasonic Ceramic | | **Output Type** | Analog (Current/Voltage) or Switching (NPN/PNP) | | **Housing Material** | Nickel-plated brass or Stainless steel | | **Connection Type** | M12 Connector (4-pin or 5-pin) | | **Operating Voltage** | 10 - 30 V DC | --- ### 2. Core Electronic Components The internal circuitry consists of several critical stages: #### A. The Piezoelectric Transducer The heart of the unit is a **piezoelectric ceramic element**. * **Function:** It converts electrical energy into mechanical vibrations (ultrasonic pulses) and converts the reflected echo back into an electrical signal. #### B. Signal Processing Unit (ASIC/Microcontroller) The raw echo received by the transducer is processed by an internal microcontroller. * **Time-of-Flight (ToF) Calculation:** The electronics measure the time elapsed between the pulse emission and the echo reception. * **Temperature Compensation:** Because the speed of sound changes with temperature, the device includes a thermistor to adjust calculations in real-time. #### C. Output Interface The **R2** suffix usually denotes a specific revision or output configuration (often a Relay or specific Resistance-based signal). * **Switching Stage:** Uses MOSFETs or Transistors to provide a digital signal. * **Analog Conversion:** Uses a DAC (Digital-to-Analog Converter) to provide 4-20mA or 0-10V signals corresponding to distance. --- ### 3. Connection Pinout (Typical M12) Standard electronic wiring for this class of industrial sensor: ```yaml Pin 1: Brown -> L+ (10-30V DC) Pin 2: White -> Output 2 / Teaching Input Pin 3: Blue -> L- (Ground) Pin 4: Black -> Output 1 (Switching/Analog) ``` --- ### 4. Environmental Protections The electronics are encapsulated in potting compound to ensure: * **IP67 Rating:** Complete protection against dust and temporary water immersion. * **EMC Shielding:** Protection against electromagnetic interference from nearby motors or heavy machinery.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing range of the M2AMS2 series?
    • ⤷ How do you calibrate the teaching input for this specific model?
    • ⤷ What is the difference between the R2 and R1 revisions of this part?