전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-CA-R

  • AI
    The **M2AMS2-CA-R** is a specific part number typically associated with **M.2 NVMe SSD enclosures** or docking solutions (often manufactured by brands like Maiwo or similar OEM industrial suppliers). Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ## 1. Technical Specifications The device acts as a bridge between high-speed NVMe storage and a standard USB interface. | Feature | Specification | | :--- | :--- | | **Internal Interface** | M.2 M-Key / B+M Key (NVMe/PCIe) | | **External Interface** | USB 3.1 Gen 2 / USB 3.2 Type-C | | **Data Transfer Rate** | Up to 10Gbps | | **Supported Sizes** | 2230, 2242, 2260, 2280 | | **Protocol Support** | UASP (USB Attached SCSI Protocol) & TRIM | --- ## 2. Key Electronic Components The performance and reliability of the M2AMS2-CA-R rely on these core internal parts: ### A. The Bridge Controller (The Brain) Most devices in this series utilize a **Realtek RTL9210** or **JMicron JMS583** chipset. - **Function:** It translates PCIe signals from the SSD into USB signals for the host computer. - **Power Management:** Includes an integrated switching regulator to convert 5V USB power to the 3.3V required by M.2 SSDs. ### B. PCB Layout and Power Delivery - **Voltage Regulators (LDO/Buck):** Maintains stable current. High-performance NVMe drives can draw up to 2.5A, requiring robust power circuitry to prevent disconnects. - **Circuit Protection:** Usually includes Over-Voltage Protection (OVP) and Over-Current Protection (OCP) to prevent frying the SSD during power surges. ### C. Physical Connectors - **USB-C Port:** A 24-pin surface-mount connector designed for high-frequency data transmission. - **M.2 Slot:** A 67-pin "M-Key" connector designed for PCIe x2 or x4 lanes. --- ## 3. Thermal Management Since NVMe drives generate significant heat during 10Gbps transfers, the "R" in the model often signifies a specific **Radiator** or **Rugged** aluminum housing. - **Thermal Pad:** A non-conductive silicone sheet that transfers heat from the SSD controller to the outer metal shell. - **Aluminum Chassis:** Acts as a passive heatsink to prevent thermal throttling of the internal electronics. --- ## 4. Signal Integrity Parts To maintain 10Gbps speeds without data corruption, the PCB includes: - **Differential Pair Routing:** Precisely matched trace lengths to ensure timing synchronization. - **ESD Protection Diodes:** Located near the USB-C port to protect the bridge chip from static electricity when plugging/unplugging. ---
    ✨ Follow-up Questions
    • ⤷ Which bridge chipset (Realtek vs JMicron) offers better thermal performance?
    • ⤷ Is this specific model compatible with SATA-based M.2 drives?
    • ⤷ What are the power requirements for a 2TB NVMe drive inside this enclosure?